Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6652
Description  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6652_07 Datasheet HTML 1Page - Sipex Corporation SP6652_07 Datasheet HTML 2Page - Sipex Corporation SP6652_07 Datasheet HTML 3Page - Sipex Corporation SP6652_07 Datasheet HTML 4Page - Sipex Corporation SP6652_07 Datasheet HTML 5Page - Sipex Corporation SP6652_07 Datasheet HTML 6Page - Sipex Corporation SP6652_07 Datasheet HTML 7Page - Sipex Corporation SP6652_07 Datasheet HTML 8Page - Sipex Corporation SP6652_07 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image

May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
PVIN,SVIN ...........................................................................-0.3V to 6.0V
PGND to SGND .....................................................................-0.3V to 0.3V
LX to PGND .............................................................. - 0.3V to PVIN+0.3V
Storage Temperature....................................................-65 °C to 150 °C
Operating Temperature.................................................. -40°C to +85°C
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sec-
tions of the specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
electrical cHaracteristics
VIN = UVIN = VSDN = 3.6V, IO = 0mA, TAMB = -40°C to +85°C, typical values at 27°C unless otherwise noted.
The ♦ denotes the specifications which apply over the full temperature range, unless otherwise specified.
PARAMETER
MIN typ MAX units
conDitions
Input Operating Voltage
2.85
5.5
V
♦ Result of IQ measurement at VIN = PVIN
= 5.5V
FB Set Voltage
0.784
0.8 0.816
V
♦
FB Set Current
-
0.0

µA
♦ VFB = 0.8V
Overall FB Accuracy
-4
4
%
♦ FB = COMP
Switching Frequency
.
.4
.6
MHz
Mode = SD = VIN
Minimum On-Time-Duration
00
00
ns
VFB = 1.0V, VCOMP = 0.2V
SYNC Tracking Frequency
.0
.0
MHz
♦ Mode = SD = VIN, VFB =1.0V
SYNC Input Current
-
0.0

µA
♦
SYNC Logic Threshold Low
0.3
0.6
V
♦ High to Low Transition
SYNC Logic Threshold High
.7
V
♦ Low to High Transition
PMOS Switch Resistance
0.4
0.6
Ω
♦ IPMOS = 200mA
NMOS Switch Resistance
0.4
0.6
Ω
♦ INMOS = 200mA
Inductor Current Limit
1.3
.5
.7
A
♦ VFB = 0.4V, Mode = SD = VIN
LX Leakage Current
-3
0.
3
µA
♦ SD = ZeroV
VIN Quiecent Current

5
mA
VIN = 3.6V, Mode = SD = VIN
3
0
mA
VIN = 5.5V, Mode = SD = VIN
UVLO Undervoltage Lockout Threshold,
VIN falling
.55
.7
2.85
V
♦ SD = VIN
UVLO hysteresis
6
%
Soft Start Current


4
µA
♦ SD = VIN, VCOMP = 1V
SD
MODE Input Current
-
0.0

µA
♦
SD
MODE Input Threshold Voltage
0.6
0.9
V
♦ High to Low Transition
.5
1.8
V
♦ Low to High Transition
Slope Compensation
700
mA/
µS
Rising Over-Temperature Trip Point
40
°C
Over-Temperature Hysteresis
4
°C
Error Amplifier Transconductance

mA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com