Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6652ER
Description  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6652ER Datasheet HTML 7Page - Sipex Corporation SP6652ER Datasheet HTML 8Page - Sipex Corporation SP6652ER Datasheet HTML 9Page - Sipex Corporation SP6652ER Datasheet HTML 10Page - Sipex Corporation SP6652ER Datasheet HTML 11Page - Sipex Corporation SP6652ER Datasheet HTML 12Page - Sipex Corporation SP6652ER Datasheet HTML 13Page - Sipex Corporation SP6652ER Datasheet HTML 14Page - Sipex Corporation SP6652ER Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image

May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
SP6652 Line/Load Rejection Vout = 3.3V
3.20
3.25
3.30
3.35
3.40
0
200
400
600
800
1000
ILoad (mA)
Vi=3.6V
Vi=3.9V
Vi=4.2V
Vi=5.0V
SP6652 Line/Load Rejection VOUT = 1.5V
1.480
1.490
1.500
1.510
1.520
1
10
100
1000
ILoad (mA)
Vi=4.2V
Vi=3.9V
Vi=3.6V
Vi=3.0V
Figure 5. Efficiency vs. Load, Vout= 3.3V
Figure 6. Efficiency vs. Load, Vout= 1.5V
Figure 7: Line/Load Rejection , Vout = 3.3V
Figure 8: Line/Load Rejection , Vout = 1.5V
SP6652 Efficiency vs Load Vout = 3.3V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
ILoad (mA)
Vi=3.6V
Vi=3.9V
Vi=4.2V
Vi=5.0V
SP6652 Efficiency vs Load (Vout = 1.5V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
ILoad (mA)
Vi=3.0V
Vi=3.6V
Vi=3.9V
Vi=4.2V
SP6652 Line/Load Regulation, Vout = 3.3V
3.280
3.290
3.300
3.310
3.320
3.330
3.340
1
10
100
1000
ILoad (mA)
Vi=3.6V
Vi=3.9V
Vi=4.2V
Vi=5.0V
Figure 10: Line/Load Regulation , Log Scale,
Vout = 1.5V
Figure 9: Line/Load Regulation , Log Scale,
Vout = 3.3V
SP6652 Line/Load Rejection VOUT = 1.5V
1.480
1.490
1.500
1.510
1.520
0
200
400
600
800
1000
ILoad (mA)
Vi=4.2V
Vi=3.9V
Vi=3.6V
Vi=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com