Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652EU Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6652EU
Description  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6652EU Datasheet HTML 8Page - Sipex Corporation SP6652EU Datasheet HTML 9Page - Sipex Corporation SP6652EU Datasheet HTML 10Page - Sipex Corporation SP6652EU Datasheet HTML 11Page - Sipex Corporation SP6652EU Datasheet HTML 12Page - Sipex Corporation SP6652EU Datasheet HTML 13Page - Sipex Corporation SP6652EU Datasheet HTML 14Page - Sipex Corporation SP6652EU Datasheet HTML 15Page - Sipex Corporation SP6652EU Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Vout
ILX
0.5A/div
EN
Vout
ILX
0.5A/div
EN
Figure 15. SP6652 600mA
Start-up from Enable
Vin=4.2V, Vo=1.5V, Iout =
600mA, Rz=2kW, Cz=10nF,
L1=4.7uH
Vin
(AC)
Vout
(AC)
Vin
(AC)
Vout
(AC)
Figure 17. SP6652 600mA
Input/Output Ripple
Vin=4.2V, Vo=1.5V, Iout =
600mA, Rz=2kW, Cz=10nF,
L1=4.7uH
Figure 16. SP6652 600mA
Input/Output Ripple
Vin=4.2V, Vo=3.3V, Iout =
600mA, Rz=4kW, Cz=10nF,
L1=4.7uH
Figure 14. SP6652 600mA
Start-up from Enable
Vin=4.2V, Vo=3.3V, Iout =
600mA, Rz=4kW, Cz=10nF,
L1=4.7uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com