Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6654ER
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6654ER Datasheet HTML 7Page - Sipex Corporation SP6654ER Datasheet HTML 8Page - Sipex Corporation SP6654ER Datasheet HTML 9Page - Sipex Corporation SP6654ER Datasheet HTML 10Page - Sipex Corporation SP6654ER Datasheet HTML 11Page - Sipex Corporation SP6654ER Datasheet HTML 12Page - Sipex Corporation SP6654ER Datasheet HTML 13Page - Sipex Corporation SP6654ER Datasheet HTML 14Page - Sipex Corporation SP6654ER Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
For the typical SP6654 application circuit with
inductor size of 10
µH, and KON of 2V*µsec, the
SP6654 current ripple would be about 200mA, and
inductor current reversal. This circuit along
with the on-timer puts the converter into PFM
mode and improves light load efficiency when
the load current is less than half the inductor
ripple current defined by KON/L.
Shutdown/Enable Control
The D0, D1 pins 4,5 of the device are logic level
control pins that according to Table 1 shut down
the converter when both are a logic low, or
enables the converter when either are a logic
high. When the converter is shut down, the
power switches are opened and all circuit bias-
ing is extinguished leaving only junction leak-
age currents on supply pins 1 and 2. After pins
4 or 5 are brought high to enable the converter,
there is a turn on delay to allow the regulator
circuitry to reestablish itself. Power conversion
begins with the assertion of the internal refer-
ence ready signal which occurs approximately
150
µs after the enable signal is received.
Power Good Indicator
A power good indicator looks at the voltage on
the feedback node. When this voltage is below
0.75V, the open drain NMOS on pin 3 sinks
current to ground. Tying a resistor from pin 3 to
VIN or VOUT creates a logic level power good
indicator. PWRGD is forced low when in UVLO.
External Feedback Pin
The FB pin 6 is compared to an internal refer-
ence voltage of 0.8V to regulate the SP6654
output. The output voltage can be externally
programmed within the range +1.0V to +5.0V
by tying a resistor from FB to ground and FB to
VOUT (pin7). See the applications section for
resistor selection information.
Inductor Selection
The SP6654 uses a specially adapted minimum
on-time control of regulation utilizing a preci-
sion comparator and bandgap reference. This
adaptive minimum on-time control has the ad-
vantage of setting a constant current ripple for a
given inductor size. From the operations section
it has been shown:
Inductor Current Ripple, ILR ≈
KON
L
OPERATION: Continued
APPLICATION INFORMATION
would be fairly constant for different input and
output voltages, simplifying the selection of com-
ponents for the SP6654 power circuit. Other
inductor values could be selected, as shown in
Table 2 Components Selection. Using a larger
value than 10
µH in an attempt to reduce output
voltage ripple would reduce inductor current ripple
and may not produce as stable an output ripple.
For larger inductors with the SP6654, which has
a peak inductor current of 1.25A, most 15
µH or
22
µH inductors would have to be larger physi-
cal sizes, limiting their use in small portable
applications. Smaller values like 6.8
µH would
more easily meet the 1.25A limit and come in
small case sizes, and the increased inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com