Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6659 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6659 Datasheet HTML 1Page - Sipex Corporation SP6659 Datasheet HTML 2Page - Sipex Corporation SP6659 Datasheet HTML 3Page - Sipex Corporation SP6659 Datasheet HTML 4Page - Sipex Corporation SP6659 Datasheet HTML 5Page - Sipex Corporation SP6659 Datasheet HTML 6Page - Sipex Corporation SP6659 Datasheet HTML 7Page - Sipex Corporation SP6659 Datasheet HTML 8Page - Sipex Corporation SP6659 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the typical application schematic, VOUT = 1.8V, TAMB= +27°C
CH 1: Output Voltage, 200mV per division AC-Coupled
CH 3: Inductor Current, 500mA/ div
CH 4: Load Current, 500mA/ div
CH 1: Output Voltage, 100mV per division AC-Coupled
CH 3: Inductor Current, 500mA/ div
CH 4: Load Current, 500mA/ div
Figure 1: Load Transient 0mA to 600mA
Figure 2: Load Transient 50mA to 600mA
Figure 3: Load Transient 100mA to 600mA
CH 1: Output Voltage, 100mV per division AC-Coupled
CH 3: Inductor Current, 500mA/ div
CH 4: Load Current, 500mA/ div
Figure 4: Load Transient 200mA to 600mA
CH 1: Output Voltage, 100mV per division AC-Coupled
CH 3: Inductor Current, 500mA/ div
CH 4: Load Current, 500mA/ div
Figure 6: Startup from Shutdown
CH 1: Output Voltage, 10mV per division AC-Coupled
CH 2: SW 2V/div
CH 3: Inductor Current, 500mA/ div
CH 1: RUN pin 2V/div.
CH 2: Vout 1V/div
CH 3: Inductor Current, 500mA/ div
20μS/div
20μS/div
20μS/div
20μS/div
1μS/div
Figure 5: Discontinuous Mode
40μS/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com