Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6691
Description  SOT23Micro Power Boost Regulator Series White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6691 Datasheet HTML 1Page - Sipex Corporation SP6691 Datasheet HTML 2Page - Sipex Corporation SP6691 Datasheet HTML 3Page - Sipex Corporation SP6691 Datasheet HTML 4Page - Sipex Corporation SP6691 Datasheet HTML 5Page - Sipex Corporation SP6691 Datasheet HTML 6Page - Sipex Corporation SP6691 Datasheet HTML 7Page - Sipex Corporation SP6691 Datasheet HTML 8Page - Sipex Corporation SP6691 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image

Jun26-07 Rev D
Micro Power Boost Regulator Series White LED Driver
© 2007 Sipex Corporation
+
-
4
Q1
Q2
R3
R4
R2
R1
X1
Shutdown
Logic
250ns
ONE-SHOT
CLEAR
X2
+
-
SET
DRIVER
GND
2
1
5
3
SW
POWER
TRANSISTOR
DISABLE
VIN
SHDN
FB
THEORY OF OPERATION
Operation can be best understood by referring to
the functional diagram above and the typical
application circuit in the front page. Q1 and Q2
along with R3 and R4 form a band gap refer-
ence. The input to this circuit completes a feed-
back path from the high voltage output through
a voltage divider, and is used as the regulation
control input. When the voltage at the FB pin is
slightly above 1.22V, comparator X1 disables
most of the internal circuitry. Current is then
provided by capacitor C2, which slowly dis-
charges until the voltage at the FB pin drops
below the lower hysteresis point of X1, about
6mV. X1 then enables the internal circuitry,
turns on chip power, and the current in the
inductor begins to ramp up. When the current
through the driver transistor reaches about
450mA, comparator X2 clears the latch, which
turns off the driver transistor for a preset 250nS.
At the instant of shutoff, inductor current is
diverted to the output through diode D1. During
this 250nS time limit, inductor current decreases
while its energy charges C2.
At the end of the 250ns time period, driver
transistor is again allowed to turn on which
ramps the current back up to the 450mA level.
Comparator X2 clears the latch, it’s output turns
off the driver transistor, and this allows delivery
of L1’s stored kinetic energy to C2. This switch-
ing action continues until the output capacitor
voltage is charged to the point where FB is at
band gap (1.22V). When this condition is
reached, X1 turns off the internal circuitry and
the cycle repeats.
FUNCTIONAL DIAGRAM
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1
SW
Switch input to the internal power switch.
2
GND
Ground
3
FB
Feedback
4
SHDN
Shutdown. Pull high (on) to enable. Pull low (off) for shutdown.
5
VIN
Input Voltage. Bypass this pin with a capacitor as close to the device
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com