Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7120 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7120
Description  2 or 3 Channel Low Dropout High Side Linear LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7120 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7120 Datasheet HTML 2Page - Sipex Corporation SP7120 Datasheet HTML 3Page - Sipex Corporation SP7120 Datasheet HTML 4Page - Sipex Corporation SP7120 Datasheet HTML 5Page - Sipex Corporation SP7120 Datasheet HTML 6Page - Sipex Corporation SP7120 Datasheet HTML 7Page - Sipex Corporation SP7120 Datasheet HTML 8Page - Sipex Corporation SP7120 Datasheet HTML 9Page - Sipex Corporation SP7120 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
6
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP712X, a printed circuit board with ground plane is
required. High quality, low series resistance ceramic 1nF bypass capacitors should be used at
the Vcc and GND pins. This capacitor must be located as close to the pins as possible. The
traces connecting the pins and these capacitors must be kept short and should be made as
wide as possible.
TYPICAL PERFORMANCE SP7120A
The quiescent current is part of the total output current
IOUT
is for 2 Channels 15mA per channel
IOUT
is for 2 Channels 15mA per channel
IOUT
is for 2 Channels 15mA per channel
IOUT
is for 2 Channels 15mA per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com