Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7122 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7122
Description  2 or 3 Channel Low Dropout High Side Linear LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7122 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7122 Datasheet HTML 1Page - Sipex Corporation SP7122 Datasheet HTML 2Page - Sipex Corporation SP7122 Datasheet HTML 3Page - Sipex Corporation SP7122 Datasheet HTML 4Page - Sipex Corporation SP7122 Datasheet HTML 5Page - Sipex Corporation SP7122 Datasheet HTML 6Page - Sipex Corporation SP7122 Datasheet HTML 7Page - Sipex Corporation SP7122 Datasheet HTML 8Page - Sipex Corporation SP7122 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above
those indicated in the operation sections of the
specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
period may affect reliability.
Ambient operating temperature ..…. -40 to+85°C
Vcc, VLED1, VLED2, and EN to GND
-0.3V to 6V
Junction Temperature............................+150°C
Operating Temperature…..........….-40 to +85
oC
Storage Temperature...............-65°C to +150°C
Package Thermal resistance θJA ….…190°C/W
ESD Level...........................................2kV HBM
ESD Level...........................................200V MM
ESD Level EN……………….……….1.5kV HBM
Lead Temperature (Soldering, 10 sec) …300°C
ELECTRICAL CHARACTERISTICS
Specifications are at TA=25˚C, Vcc = 2.7 to 5.5, ENABLE =Vcc
Parameter
Min
Typ
Max
Units
Conditions
Vcc
2.7
5.5
V
Shutdown Current
0.04
1
µA
EN = LOW
VLED Dropout Voltage, Vd
1
160
200
mV
Vcc = 5.5V, ILED = 20mA
VLED Dropout voltage, Vd
1
140
180
mV
Vcc = 5.5V, ILED = 15mA
Version A
15
VD = 300mV
Version B
20
VD = 300mV
LED Current per
Channel
Version C
25
mA
VD
= 300mV
Version A
0.5
0.7
Version B
0.7
1.1
Version C
0.86
1.7
SP7120 at VD = 300mV
Version A
0.6
0.8
Version B
0.9
1.2
Quiescent
Current
Version C
0.99
1.9
mA
SP7122 at VD = 300mV
LED to LED Current Matching
6
0.8
%
Vcc = 5.5V, VD > 300mV
LED Current Accuracy
2
-3
3
%
300mV<VD<1.0V
LED Current Line Regulation
3
.25
%/V
2.7V < Vcc < 5.5V
LED Current Load Regulation
4
1.0
%/mA
300mV < VD < 1.0V
LED Current Thermal Regulation
0.01
%/
0C
VD = 300mV
EN ON Voltage (HIGH)
5
2
Vcc
V
EN OFF Voltage (LOW)
0
0.8
V
EN Input Bias Current
2
3
5
µA
VEN = Vcc = 5.5V
EN Switching Frequency
20
kHz
EN ON Minimum Pulse Width
15
µs
1) Difference between Vcc voltage and LED anode voltage at which ILED current drops 10% from nominal value
2) ILED Current Variations from specified value
3) ILED Current Variations per volt Vcc change for any given temperature
4) ILED Current Variations at VD change from 0.3V to 1.0V
5) EN input voltage should not exceed Vcc voltage at any condition
6) This condition is part of the LED current accuracy and it shall not exceed that specification
RECOMMENDED OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com