Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7615 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7615
Description  Four Channel Constant Current LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7615_06 Datasheet HTML 1Page - Sipex Corporation SP7615_06 Datasheet HTML 2Page - Sipex Corporation SP7615_06 Datasheet HTML 3Page - Sipex Corporation SP7615_06 Datasheet HTML 4Page - Sipex Corporation SP7615_06 Datasheet HTML 5Page - Sipex Corporation SP7615_06 Datasheet HTML 6Page - Sipex Corporation SP7615_06 Datasheet HTML 7Page - Sipex Corporation SP7615_06 Datasheet HTML 8Page - Sipex Corporation SP7615_06 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Oct 23-06
SP7615 Four Channel Constant Current LED Driver
© Copyright 2006 Sipex Corporation
4.5V < VCC <16V , VEN = 5V, VLED1 =VLED2 =VLED3 =VLED4 =1.0V, RSET =10kΩ or ISET=126µA, -40 < TA < 85ºC,
Unless otherwise noted. Typical numbers are for TA = 25ºC.
Vcc, VLED1, VLED2, VLED3,
VLED4, Voltage to GND .......................................0.3V to 16V
EN Voltage to GND..................................... 0 to (Vcc + 0.3V)
ISET Voltage to GND...................................0 to (Vcc + 0.3V)
or 6V, whichever is lower
Output Current per LED (IOUT) ................................. 150mA
Power Dissipation per Package
8-pin DFN at TA = 85ºC ...........................… 1.1W
Junction Temperature ..............................................+150ºC
Storage Temperature ............................... -55ºC to +150ºC
ESD Level. ....................................................... 2kV HBM
DFN Thermal Resistance......................................59ºC/W
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
ABSOLUTE MAXIMUM RATINGS
Note 1. ENABLE "ON" is VEN for which ILED > 80mA
Note 2. ENABLE "OFF" is VEN for which ILED < 1uA@ VLED1 > 1.0V
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Supply Voltage
4.5
5
16
V
Quiescent Supply Current
20
39
mA
ILED1 = ILED2 = ILED3 = ILED4 =126mA
Output/I
SET
Current Multiplication Ratio
900
1000
1200
LED Current (per diode)
126
mA
LED to LED Current Matching
-2
+2
%
LED Current Line Voltage Regulation
0.15
0.6
%/V
IOUT change per volt VCC change
LED Current Load Voltage Regulation
2
4
%/V
0.4V < V
LED
< 5V, I LED = 25mA
9
%/V
1.0V < VLED < 5V, ILED = 126mA
LED Current Thermal Regulation
0.1
%/ºC
ILED = 126mA
ISET Pin Voltage
1.20
1.26
1.32
V
ISET = 1µA
Thermal Shutdown Threshold
150
ºC
Thermal Shutdown Hysteresis
20
ºC
Current in OFF Mode
1
µA
V
EN = 0.0V
Min. ENABLE “ON Voltage”
(Note1)
1.6
V
Max. ENABLE “OFF Voltage”
(Note 2)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com