Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6115D418 Datasheet(PDF) 25 Page - Torex Semiconductor

Part # XC6115D418
Description  CMOS Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6115D418 Datasheet(HTML) 25 Page - Torex Semiconductor

Back Button XC6115D418 Datasheet HTML 18Page - Torex Semiconductor XC6115D418 Datasheet HTML 19Page - Torex Semiconductor XC6115D418 Datasheet HTML 20Page - Torex Semiconductor XC6115D418 Datasheet HTML 21Page - Torex Semiconductor XC6115D418 Datasheet HTML 22Page - Torex Semiconductor XC6115D418 Datasheet HTML 23Page - Torex Semiconductor XC6115D418 Datasheet HTML 24Page - Torex Semiconductor XC6115D418 Datasheet HTML 25Page - Torex Semiconductor XC6115D418 Datasheet HTML 26Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
(12) Watchdog Low Level Voltage vs. Ambient Temperature
(13) Watchdog High Level Voltage vs. Ambient Temperature
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(14) MRB Low Level Voltage vs. Ambient Temperature
(15) MRB High Level Voltage vs. Ambient Temperature
* ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC61X1~XC61X5
VIN=6.0V
VIN=3.0V
VIN=1.76V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC61X1~XC61X5
VIN=6.0V
VIN=3.0V
VIN=1.76V
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC61X1~XC61X3, XC61X6~XC61X7
VIN=6.0V
VIN=3.0V
VIN=1.76V
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
XC61X1~XC61X3, XC61X6~XC61X7
VIN=6.0V
VIN=3.0V
VIN=1.76V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com