Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003721 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # 2003721
Description  PROFINET Cat.5e
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

2003721 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  2003721 Datasheet HTML 1Page - Infinite Electronics International, Inc. 2003721 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product
No.
Dimension [n x
mm²]
Outer-Ø
[mm]
Cu-Index
[kg/km]
Weight
[kg/1.000]
sheath
colour
Variant
2003801
2 X 2 X AWG
22/1
6,5
33,00
73,00
green
V6: PROFINET - Robust Cat. 5e -
200 MHz UL/CSA
2003802
2 X 2 X AWG
22/7
6,5
33,00
73,00
green
V6: PROFINET - Robust Cat. 5e -
200 MHz UL/CSA
2003727
2 X 2 X AWG
22/7
6,5
33,00
72,00
black
V7: PROFINET - Food Cat. 5e - 200
MHz
2003728
2 X 2 X AWG
22/1
6,5
33,00
68,00
green
V8: PROFINET - Extemp 105°C &
180°C Cat. 5e - 200 MHz
2003729
2 X 2 X AWG
22/1
5,4
33,00
62,00
green
V8: PROFINET - Extemp 105°C &
180°C Cat. 5e - 200 MHz
PROFINET Cat.5e
03.15.01.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com