Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6691ER
Description  SOT23Micro Power Boost Regulator Series White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6691ER Datasheet HTML 7Page - Sipex Corporation SP6691ER Datasheet HTML 8Page - Sipex Corporation SP6691ER Datasheet HTML 9Page - Sipex Corporation SP6691ER Datasheet HTML 10Page - Sipex Corporation SP6691ER Datasheet HTML 11Page - Sipex Corporation SP6691ER Datasheet HTML 12Page - Sipex Corporation SP6691ER Datasheet HTML 13Page - Sipex Corporation SP6691ER Datasheet HTML 14Page - Sipex Corporation SP6691ER Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image

Jun26-07 Rev D
Micro Power Boost Regulator Series White LED Driver
© 2007 Sipex Corporation
PACKAGE: PINOUTS
5
4
1
2
3
SP6691
5 Pin TSOT
VIN
SHDN
SW
GND
FB
NC
SHDN
VIN
GND
NC
FB
NC
SW
8
7
6
5
1
2
3
4
SP6691
8 Pin DFN
5
4
1
2
3
SP6691
5 Pin SOT-23
VIN
SHDN
SW
GND
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com