Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2F-GS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 2F-GS
Description  AC PEM 320-2-2/F PANEL FLANGE 2.8mm SOLDER TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

2F-GS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  2F-GS Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.575
40
1.953
49.6
1.134
28.8
1.134
28.8
.102
2.6
1.303
33.1
.937
23.8
.134 3.4 X2
1.575
40
CRS.
1.270
32.26
.975
24.77
R.256 6.5
MAX.
FIXING DETAILS
NOTES:-
CONNECTOR TYPE: 60320-2-2/F
1.
RATING: 15A, 250VAC
2.
FEATURES:
SNAP IN PANEL MOUNT 2.8mm SOLDER TAB
3.
TERMINATIONS
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL PER
LSP-010-5.
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
UPDATED PER ECO-13411
02/07/2024
HBAKKE
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACM-2F-GS-LC
B
AC PEM 320-2-2/F PANEL FLANGE 2.8mm SOLDER TERMINALS
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - 2F-GS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
2F-GSU L-COM-2F-GSU Datasheet
111Kb / 1P
AC PEM 320-2-2/F PANEL FLANGE 2.8mm SOLDER TERMINALS SHUTTERED
01/10/2024
More results

Similar Description - 2F-GS

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0675 BULGIN-PX0675 Datasheet
102Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
PX0695 BULGIN-PX0695 Datasheet
103Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
PX0717 BULGIN-PX0717 Datasheet
124Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
PX0783 BULGIN-PX0783 Datasheet
134Kb / 1P
EN60 320-2-2 Standard Sheet F Class I Shuttered
logo
PowerDynamics, Inc
B26 POWERDYNAMICS-B26 Datasheet
45Kb / 1P
2 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
logo
Adam Technologies, Inc.
RF4-500-6 ADAM-TECH-RF4-500-6 Datasheet
75Kb / 1P
F FEMALE PANEL 2 HOLES
logo
Taoglas antenna solutio...
PCB-SMAFST-2H-A-HT TAOGLAS-PCB-SMAFST-2H-A-HT Datasheet
202Kb / 3P
SMA(F) Jack 2 Hole Panel Mount with Solder post
PCB-SMAFST-2H-B-HT TAOGLAS-PCB-SMAFST-2H-B-HT Datasheet
203Kb / 3P
SMA(F) Jack 2 Hole Panel Mount with Solder post
PCB-SMAFST-J-A-HT TAOGLAS-PCB-SMAFST-J-A-HT Datasheet
288Kb / 3P
SMA(F) Jack 2 Hole Panel Mount with Solder post
logo
Wurth Elektronik GmbH &...
60312512114515 WURTH-60312512114515 Datasheet
253Kb / 4P
SMA Panel Jack 2-Hole Flange Straight Solder Cup WR-SMA
REVISION 001.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com