Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7648 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation SP7648 Datasheet HTML 10Page - Sipex Corporation SP7648 Datasheet HTML 11Page - Sipex Corporation SP7648 Datasheet HTML 12Page - Sipex Corporation SP7648 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
TYPicaL PeRFORMance cHaRacTeRiSTicS
SP7648 for Luxeon I
0
100
200
300
400
500
600
700
800
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.6V
Torch Mode,
Vf=3.2V
SP7648 for Luxeon I
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.6V
Torch Mode,
Vf=3.2V
SP7648 for AOT(2015HPW1915B)
0
100
200
300
400
500
600
700
800
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.9V
Torch Mode,
Vf=3.3V
SP7648 for AOT(2015HPW1915B)
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.9V
Torch
Mode,Vf=3.3V
SP7648 for AOT(6060HPW0305BD)
0
100
200
300
400
500
600
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=4.2V
Torch Mode,
Vf=3.5V
SP7648 for AOT(6060HPW0305BD)
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=4.2V
Torch Mode,
Vf=3.5V
Sipex corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Part number
Operating Temperature Range
Package Type
SP7648ER .................................................. -40°C to +85°C ........................................................... 10 Pin DFN
SP7648ER/TR ............................................ -40°C to +85°C .......................................................... 10 Pin DFN
SP7648EU .................................................. -40°C to +85°C ........................................................ 10 Pin MSOP
SP7648EU/TR ............................................ -40°C to +85°C ....................................................... 10 Pin MSOP
ORDeRing inFORMaTiOn
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP7648ER/TR = standard; SP7648ER-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 3,000 for DFN, and 2,500 for MSOP.
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com