Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9021 Datasheet(PDF) 4 Page - EPCOS

Part # B9021
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9021 Datasheet(HTML) 4 Page - EPCOS

  B9021 Datasheet HTML 1Page - EPCOS B9021 Datasheet HTML 2Page - EPCOS B9021 Datasheet HTML 3Page - EPCOS B9021 Datasheet HTML 4Page - EPCOS B9021 Datasheet HTML 5Page - EPCOS B9021 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Feb. 17, 2004
SAW Components
B9021
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -25 to +85˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
2,4
3,5
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
0,8
2,1
dB
Input VSWR
1805,0
... 1880,0
MHz
—
2,5
2,7
Output VSWR
1805,0
... 1880,0
MHz
—
2,3
2,5
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
... 1880,0
MHz
-15
-7 / +8
+15
degree
Output amplitude balance
(|S31/S21|)
1805,0
... 1880,0
MHz
-2,5
-1,6 / +1,2
2,0
dB
Attenuation
α
10,0
... 1400,0
MHz
35
39
—
dB
1400,0
... 1705,0
MHz
27
36
—
dB
1705,0
... 1785,0
MHz
12
16
—
dB
1920,0
... 1980,0
MHz
16
21
—
dB
1980,0
... 2000,0
MHz
23
26
—
dB
2000,0
... 2245,0
MHz
25
30
—
dB
2245,0
... 3400,0
MHz
30
34
—
dB
3400,0
... 6000,0
MHz
25
35
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com