Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652ERL/TR Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP7652ERL/TR
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652ERL/TR Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP7652ERL/TR Datasheet HTML 8Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 9Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 10Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 11Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 12Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 13Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 14Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 15Page - Sipex Corporation SP7652ERL/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
6
Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
ORDERING INFORMATION
Part Number
Temperature
Package
SP7652ER...............................................-40°C to +85°C.................................. 26 Pin 7 X 4 DFN
SP7652ER-L............................................-40°C to +85°C...............(Lead Free) 26 Pin 7 X 4 DFN
SP7652ER/TR.........................................-40°C to +85°C.................................. 26 Pin 7 X 4 DFN
SP7652ER-L/TR......................................-40°C to +85°C...............(Lead Free) 26 Pin 7 X 4 DFN
Bulk Pack minimum quantity is 500.
/TR = Tape and Reel. Pack quantity is 3,000 DFN.
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the applica-
tion or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com