Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7653 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP7653
Description  Wide Input Voltage Range, 1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP7653_06 Datasheet HTML 7Page - Sipex Corporation SP7653_06 Datasheet HTML 8Page - Sipex Corporation SP7653_06 Datasheet HTML 9Page - Sipex Corporation SP7653_06 Datasheet HTML 10Page - Sipex Corporation SP7653_06 Datasheet HTML 11Page - Sipex Corporation SP7653_06 Datasheet HTML 12Page - Sipex Corporation SP7653_06 Datasheet HTML 13Page - Sipex Corporation SP7653_06 Datasheet HTML 14Page - Sipex Corporation SP7653_06 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
3
Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
13
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Load at 12Vin
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Load Current (A)
Vout = 5.0V
Vout = 3.3V
Vout = 2.5V
Vout = 1.8V
Vout = 1.5V
Vout = 1.2V
Efficiency vs Output Load at 5Vin
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Load Current (A)
Vout = 3.3V
Vout = 2.5V
Vout = 1.8V
Vout = 1.5V
Vout = 1.2V
Efficiency vs Output Load at 3.3Vin
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Load Current (A)
Vout = 2.5V
Vout = 1.8V
Vout = 1.5V
Vout = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com