Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACACC-RLC Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ACACC-RLC
Description  AC PEM RETAINER CLIP FOR C19, C20
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ACACC-RLC Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ACACC-RLC Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.929
49.0
.295
7.5
MAX. PANEL
1.429
36.3
6BA THREAD
.134 3.4 X2
1.075
27.3
MIN.
1.417
36
CRS.
1.225
31.12
MIN.
FIXING DETAILS
R.177 4.5
MAX.
.134 3.4 X2
1.654
42
CRS.
.957
24.3
1.272
32.3
FIXING DETAILS
NOTES:-
CONNECTOR TYPE: C19, C20
1.
FEATURES: RETAINER CLIP
2.
PACKAGING NOTE:
3.
ITEM SHALL BE INDIVIDUALLY PACKAGED,
LABEL PER LSP-010-5.
ALL DIMENSIONS FOR REFERENCE ONLY
4.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
UPDATED PER ECO-13411
02/07/2024
HBAKKE
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACACC-RC4-LC
B
AC PEM RETAINER CLIP FOR C19, C20
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - ACACC-RLC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ACACC-RC1 L-COM-ACACC-RC1 Datasheet
112Kb / 1P
AC PEM RETAINER CLIP FOR C13, C14
02/07/2024
ACACC-RC2 L-COM-ACACC-RC2 Datasheet
114Kb / 1P
AC PEM RETAINER CLIP FOR C320-2-2/E
02/07/2024
ACACC-RC3 L-COM-ACACC-RC3 Datasheet
113Kb / 1P
AC PEM RETAINER CLIP FOR C13
02/07/2024
More results

Similar Description - ACACC-RLC

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
730C-00-00 QUALTEK-730C-00-00 Datasheet
363Kb / 1P
RETAINER CLIP KIT
731C-00-00 QUALTEK-731C-00-00 Datasheet
362Kb / 1P
RETAINER CLIP KIT
732C-00-00 QUALTEK-732C-00-00 Datasheet
362Kb / 1P
RETAINER CLIP KIT
730-00-00 QUALTEK-730-00-00 Datasheet
304Kb / 1P
RETAINER CLIP KIT
730-00-05 QUALTEK-730-00-05 Datasheet
359Kb / 1P
RETAINER CLIP KIT
732-00-00 QUALTEK-732-00-00 Datasheet
352Kb / 1P
RETAINER CLIP KIT
730C0005 QUALTEK-730C0005 Datasheet
363Kb / 1P
RETAINER CLIP KIT
7300000 QUALTEK-7300000 Datasheet
360Kb / 1P
RETAINER CLIP KIT
7300005 QUALTEK-7300005 Datasheet
360Kb / 1P
RETAINER CLIP KIT
7310000 QUALTEK-7310000 Datasheet
356Kb / 1P
RETAINER CLIP KIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com