Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBA Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # GBA
Description  AC PEM C14 PANEL FLANGE THRU-HOLE RIGHT ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

GBA Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  GBA Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D4 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.191+-
.005
.000
30.25+0.12
0.00
1.57
40
CRS.
.885+-
.005
.000
22.48+0.12
0.00
R.23 5.9 MAX.
.134 3.4 X2
PANEL FIXING DETAILS
.134 3.4 X2
1.58
40
CRS.
.063 1.6
3 OFF
.36
9.14
.36
9.14
.38
9.65
CRS.
P.C.B. FIXING DETAILS
1.57
40
CRS.
1.96
49.8
1.09
27.8
.63
15.9
.14
3.6
.136 3.45 X2
.61
16
.22
5.6
.13
3.2
.34
8.7
.81
20.5
NOTES:-
CONNECTOR TYPE: C14
1.
RATING: 15A, 250V AC
2.
FEATURES: FLANGE MOUNT THRU-HOLE PCB TERMINATIONS
3.
RIGHT ANGLE
PACKAGING NOTE:
4.
ITEM SHALL BE INDIVIDUALLY PACKAGED, LABEL PER LSP-010-5
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
ECO-13362
01/10/2024
BPUCHASKI
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACM-C4-GBA-LC
B
AC PEM C14 PANEL FLANGE THRU-HOLE RIGHT ANGLE
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - GBA

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
GBA.00.250.FN LEMO-GBA.00.250.FN Datasheet
60Kb / 2P
00 - NIM-CAMAC
GBA.00.250.FN LEMO-GBA.00.250.FN Datasheet
12Mb / 28P
T SERIES IP 68 PUSH-PULL CONNECTORS
GBA.0E.250.FN LEMO-GBA.0E.250.FN Datasheet
62Kb / 3P
E - Outdoor Stepped Insert
GBA.0S.250.FN LEMO-GBA.0S.250.FN Datasheet
12Mb / 28P
T SERIES IP 68 PUSH-PULL CONNECTORS
GBA.1E.250.FN LEMO-GBA.1E.250.FN Datasheet
62Kb / 3P
E - Outdoor Stepped Insert
More results

Similar Description - GBA

ManufacturerPart #DatasheetDescription
logo
Witten Company, Inc.
354 WITTEN-354 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
355 WITTEN-355 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
2005 WITTEN-2005 Datasheet
126Kb / 1P
INSERT THRU-HOLE W/FLANGE
logo
RENCO ELECTRONICS, INC.
RL-9750-1HL RENCO-RL-9750-1HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2 RENCO-RL-9750-2 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2HL RENCO-RL-9750-2HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-3 RENCO-RL-9750-3 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-4HM RENCO-RL-9750-4HM Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HM RENCO-RL-9750-5HM Datasheet
749Kb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HMHL RENCO-RL-9750-5HMHL Datasheet
747Kb / 2P
THRU-HOLE AC LINE FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com