Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655ERL/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP7655ERL/TR
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655ERL/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP7655ERL/TR Datasheet HTML 8Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 9Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 10Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 11Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 12Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 13Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 14Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 15Page - Sipex Corporation SP7655ERL/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2
Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
Bode Plot of Type III Error Amplifier Compensation.
CP1
RZ2
CZ2
-
+
6
5
VFB
COMP
+
- 0.8V
CF1
VOUT
R1
68.1k, 1% R
SET
CZ3
RZ3
RSET =54.48/ (VOUT-0.8) (k )
Type III Error Amplifier Compensation Circuit
APPLICATIONS INFORMATION
Frequency
(Hz)
Error Amplifier Gain
Bandwidth Product
Condition:
C22 >> CP1, R1 >> RZ3
20 Log (RZ2/R1)
Gain
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com