Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GQ6R2LFS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # GQ6R2LFS
Description  AC PEM C14 PANEL SIDE FIXING FLANGE 6.3mm QUICKCONNECT DOUBLE CONTACT ILLUMINATED SWITCH FUSEHOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

GQ6R2LFS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  GQ6R2LFS Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.941
49.3
2.846
72.3
.160
4.1
.917
23.3
.134 3.4 X2
HOLES
1.299
33
1.583
40.2
CRS.
2.610
66.3
PANEL FIXING DETAILS
NOTES:-
CONNECTOR TYPE: C14
1.
RATING: 10A, 250VAC
2.
FEATURES:
3.
SIDE FIXING FLANGE MOUNT 6.3mm QUICK-CONNECT TERMINATIONS
DOUBLE CONTACT ILLUMINATED ON/OFF SWITCH SINGLE FUSEHOLDER
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL PER LSP-010-5.
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
UPDATED PER ECO-13411
02/07/2024
HBAKKE
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACM-C4-GQ6R2LFS-LC
B
AC PEM C14 PANEL SIDE FIXING FLANGE 6.3mm QUICK-
CONNECT DOUBLE CONTACT ILLUMINATED SWITCH
FUSEHOLDER
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - GQ6R2LFS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
GQ6R2LFT L-COM-GQ6R2LFT Datasheet
118Kb / 1P
AC PEM C14 PANEL TOP FIXING FLANGE 6.3mm QUICKCONNECT DOUBLE CONTACT ILLUMINATED SWITCH FUSEHOLDER
02/07/2024
More results

Similar Description - GQ6R2LFS

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R01-1X2X POWERDYNAMICS-42R01-1X2X Datasheet
62Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R01-4X2X POWERDYNAMICS-42R01-4X2X Datasheet
50Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R01-7X2X POWERDYNAMICS-42R01-7X2X Datasheet
50Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R01-8X2X POWERDYNAMICS-42R01-8X2X Datasheet
52Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R02-4XXX POWERDYNAMICS-42R02-4XXX Datasheet
45Kb / 1P
IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-1X2X POWERDYNAMICS-42R03-1X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-4X5X POWERDYNAMICS-42R03-4X5X Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R03-7X2X POWERDYNAMICS-42R03-7X2X Datasheet
38Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R03-8X2X POWERDYNAMICS-42R03-8X2X Datasheet
42Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
logo
Cooper Bussmann, Inc.
HPC-D COOPER-HPC-D Datasheet
91Kb / 1P
Panel-Mount Fuseholder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com