Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # GSF2
Description  AC PEM C14 PANEL FLANGE 2.8mm SOLDER TERMINALS 2X FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

GSF2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  GSF2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DREBECK
1.729
44
1.417
36
CRS.
1.343
34.1
.075
2
.150
4
1.478
38
.134 3.4 X2
1.075
27.3
MIN.
1.417
36
CRS.
1.224
31.1
MIN.
PANEL FIXING DETAILS
NOTES:-
CONNECTOR TYPE: C14
1.
RATING: 10A, 250VAC
2.
FEATURES:
3.
AC PEM C14 PANEL FLANGE 2.8mm SOLDER TERMINALS 2X
FUSEHOLDERS
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL
PER ILS-100
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
09/22/2023
PSRINIVAS
DREBECK
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ACM-C4-GSF2-LC
A
1
1
DFRISIELLO
09/22/2023
09/22/2023
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
AC PEM C14 PANEL FLANGE 2.8mm SOLDER
TERMINALS 2X FUSEHOLDERS
IEC CONNECTORS_PANEL FLANGE
UNLESS OTHERWISE SPECIFIED,
PSRINIVAS
COLOR VARIATIONS
MAY OCCUR
09/22/2023
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D1
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: ACM-C4-GSF2-LC.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - GSF2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
395Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
409Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
417Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF2.1010.01 SCHURTER-GSF2.1010.01 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results

Similar Description - GSF2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
PowerDynamics, Inc
42R01-1X2X POWERDYNAMICS-42R01-1X2X Datasheet
62Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R02-4XXX POWERDYNAMICS-42R02-4XXX Datasheet
45Kb / 1P
IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-1X2X POWERDYNAMICS-42R03-1X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-2X2X POWERDYNAMICS-42R03-2X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; CROSS FLANGE
42R03-4X5X POWERDYNAMICS-42R03-4X5X Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R03-5X2X POWERDYNAMICS-42R03-5X2X Datasheet
38Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
42R03-6X2X POWERDYNAMICS-42R03-6X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
42R03-7X2X POWERDYNAMICS-42R03-7X2X Datasheet
38Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R03-8X2X POWERDYNAMICS-42R03-8X2X Datasheet
42Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com