Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7662
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7662 Datasheet HTML 1Page - Sipex Corporation SP7662 Datasheet HTML 2Page - Sipex Corporation SP7662 Datasheet HTML 3Page - Sipex Corporation SP7662 Datasheet HTML 4Page - Sipex Corporation SP7662 Datasheet HTML 5Page - Sipex Corporation SP7662 Datasheet HTML 6Page - Sipex Corporation SP7662 Datasheet HTML 7Page - Sipex Corporation SP7662 Datasheet HTML 8Page - Sipex Corporation SP7662 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Mar -07 Rev AJ
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2007 Sipex Corporation
ELECTRICAL SPECIFICATIONS
SpecificationsareforTAMB = TJ = 25°C, and those denoted by ♦ apply over the full operating range, -40°C< Tj< 25°C. Unless
otherwisespecified:4.5V<Vcc<5.5V,3V<ViN < 22V, BST = LX + 5V, UVIN = 3V, CVCC = µF, CCOMP = 0.µF, Css = 50nF.
PARAMETER
MIN TYP MAX UNITS
CONDITIONS
CONTROL LOOP: PWM COMPARATOR, RAMP & LOOP DELAY PATH
Ramp Amplitude
0.80 .00
.20
V
RAMP Offset
.7
2.0
2.3
V
Ramp offset Temperature
Coefficient
-2
mV/
°C
GHMinimumPulseWidth
50
80
ns
Maximum Controllable
Duty Ratio
92
97
%
Maximum Duty Ratio
00
%
Valid for 20 cycles
Internal Oscillator Ratio
255
300
345
kHZ
TIMERS: SOFTSTART
SSChargeCurrent:
-6
-0
-4.0
µA
SSDischargeCurrent:
.0
2.0
3.0
mA
Fault Present,
SS=0.2V
PROTECTION: SHORT CIRCUIT, OVERCURRENT & THERMAL
Short Circuit Threshold
Voltage
0.20 0.25
0.30
V
Hiccup Timeout
70
220
270
ms
VfB=0.5V
Overcurrent Threshold
Voltage
54
60
66
mV
Measured ISP - ISN
ISP, ISN Common Mode
Range
0
3.6
V
Thermal Shutdown
Temperature
35
45
55
°C
Guaranteedbydesign
Thermal Recovery
Temperature
35
°C
Thermal Hysteresis
0
°C
OUTPUT: POWER STAGE
High Side Switch RDSON
6.8
20.5
mΩ
VGS=4.5V; IDrAiN=5A;
TAMB=25°C
Synchronous Low Side
Switch RDSON
6.8
8.5
mΩ
VGS=4.5V; IDrAiN=5A;
TAMB=25°C
Maximum Output
Current
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com