Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663ER/TR Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7663ER/TR
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663ER/TR Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7663ER/TR Datasheet HTML 2Page - Sipex Corporation SP7663ER/TR Datasheet HTML 3Page - Sipex Corporation SP7663ER/TR Datasheet HTML 4Page - Sipex Corporation SP7663ER/TR Datasheet HTML 5Page - Sipex Corporation SP7663ER/TR Datasheet HTML 6Page - Sipex Corporation SP7663ER/TR Datasheet HTML 7Page - Sipex Corporation SP7663ER/TR Datasheet HTML 8Page - Sipex Corporation SP7663ER/TR Datasheet HTML 9Page - Sipex Corporation SP7663ER/TR Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
THEORY OF OPERATION
General Overview
The SP7663 is a fixed frequency, volt-
age mode, synchronous PWM regulator
optimizedforhighefficiency.Theparthas
beenspecificallydesignedforsinglesupply
operation from a 5V to 22V input.
The heart of the SP7663 is a wide bandwidth
transconductanceamplifierdesignedtoac-
commodate Type II and Type III compensa-
tion schemes. A precision 0.8V reference,
present on the positive terminal of the error
amplifier, permits the programming of the
output voltage down to 0.8V via the VFB
pin.Theoutputoftheerroramplifier,COMP,
is compared to a .0V peak-to-peak ramp,
whichisresponsiblefortrailingedgePWM
control.ThisvoltagerampandPWMcontrol
logic are governed by the internal oscillator
thataccuratelysetsthePWMfrequencyto
600kHz.
The SP7663 contains two unique control
features that are very powerful in distributed
applications. First, nonsynchronous driver
control is enabled during startup, to prohibit
the low side switch from pulling down the
output until the high side switch has at-
tempted to turn on. Second, a 00% duty
cycletimeoutensuresthatthe lowsideswitch
is periodically enhanced during extended
periods at 00% duty cycle. This guaran-
tees the synchronized refreshing of the
BST capacitor during very large duty ratios.
The SP7663 also contains a number of valu-
able protection features. Programmable VIN
UVLO allows the user to set the exact value
at which the conversion voltage can safely
begin down-conversion, and an internal VCC
UVLO which ensures that the controller itself
has enough voltage to properly operate.
Other protection features include thermal
shutdown and short-circuit detection. In the
event that either a thermal, short-circuit, or
UVLO fault is detected, the SP7663 is forced
into an idle state where the output drivers
areheldoffforafiniteperiodbeforearestart
is attempted.
Soft Start
“Soft Start” is achieved when a power con-
verter ramps up the output voltage while
controlling the magnitude of the input sup-
ply source current. In a modern step down
converter, ramping up the positive terminal
oftheerroramplifiercontrolssoftstart.Asa
result,excesssourcecurrentcanbedefined
as the current required to charge the output
capacitor.
IViN = COut • (∆VOut / ∆TSOft-StArt)
The SP7663 provides the user with the op-
tion to program the soft start rate by tying
acapacitorfromtheSSpintoGND.The
selection of this capacitor is based on the
0µA pull up current present at the SS pin
and the 0.8V reference voltage. Therefore,
theexcesssourcecanberedefinedas:
IViN = COut •
[∆VOut •0µA / (CSS • 0.8V)]
Under Voltage Lock Out (UVLO)
The SP7663 has two separate UVLO com-
parators to monitor the bias (Vcc) and Input
(ViN)voltagesindependently.TheVccUVLO
is internally set to 4.25V. The ViN UVLO is
programmable through UViN pin. When
UVIN pin is greater than 2.5V the SP7663
is permitted to start up pending the removal
of all other faults. A pair of internal resistors
isconnectedtoUVINasshowninthefigure
below.
SP7663
R6
R7
+
-
140KΩ
50KΩ
2.5V ON
2.2V OFF
GND
UVIN
VIN
Internal and external bias of UVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com