Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663ERL/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7663ERL/TR
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663ERL/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7663ERL/TR Datasheet HTML 4Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 5Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 6Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 7Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 8Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 9Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 10Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 11Page - Sipex Corporation SP7663ERL/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
Asanexample:ifdesiredIMAx is 9A, then
R9 = 26.4kΩ.
R9
26.4KΩ
CSP
6.8nF
SWN
ISP
ISN
SP7663
CS
0.1uF
R4
5.11KΩ
R3
5.11KΩ
L = 1.5uH, DCR = 9.2mΩ
VOUT
Over-current detection circuit for
Imax > 60mV / DCR
Decreasing the Current Limit
If it is required to set IMAx < {60mV / DCR, a
resistor is added as shown in the following
figure.R8increasesthenetvoltagedetected
by the current-sense comparator. Voltage at
the positive and negative terminal of com-
paratorisgivenby:
VSP = VOut + (IMAx • DCR)
VSN = VOut
{R8 / (R4 +R8)}
Sincethecomparatoristriggeredat60mV:
VSP-VSN = 60 mV
Combining the above equations and solv-
ingforR8:
R8 =
R4 •
[VOut- 60mV + (IMAX• DCR)]
60mV - (IMAX • DCR)
Asanexample:forIMAxof5AandVOutof3.3V,
calculatedR8is1.1MΩ.
CSP
6.8nF
ISN
SP7663
SWN
ISP
CS
0.1uF
R4
5.11KΩ
R3
5.11KΩ
VOUT
L = 1.5uH, DCR = 9.2mΩ
R8
1.1MΩ
Over-current detection circuit for
Imax < {60mV / DCR}
Handling of Faults
Upon the detection of power (UVLO), ther-
mal, or short-circuit faults, the SP7663 is
forced into an idle state where the SS and
COMPpinsarepulledlowandbothswitches
are held off. In the event of UVLO fault, the
SP7663 remains in this idle state until the
UVLO fault is removed. Upon the detection
of a thermal or short-circuit fault, an internal
20ms timer is activated. In the event of a
short-circuit fault, a restart is attempted im-
mediately after the 20ms timeout expires.
Whereas, when a thermal fault is detected
the20msdelaycontinuouslyrecyclesanda
restartcannotbeattempteduntilthethermal
fault is removed and the timer expires.
Error Amplifier and Voltage Loop
The heart of the SP7663 voltage error loop
is a high performance, wide bandwidth
transconductance amplifier. Because of
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com