Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3397 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3397
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3397 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3397 Datasheet HTML 2Page - RF Micro Devices RF3397 Datasheet HTML 3Page - RF Micro Devices RF3397 Datasheet HTML 4Page - RF Micro Devices RF3397 Datasheet HTML 5Page - RF Micro Devices RF3397 Datasheet HTML 6Page - RF Micro Devices RF3397 Datasheet HTML 7Page - RF Micro Devices RF3397 Datasheet HTML 8Page - RF Micro Devices RF3397 Datasheet HTML 9Page - RF Micro Devices RF3397 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-613
RF3397
Rev A6 061016
Junction Temperature versus Power Dissipated
TAMB=+85°C
100.00
105.00
110.00
115.00
120.00
125.00
130.00
135.00
140.00
0.09
0.11
0.13
0.15
0.17
0.19
0.21
PDISS (W)
Reverse Isolation versus Frequency Across
Temperature, ICC=40mA
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Current versus Voltage
(At Evaluation Board Connector, RBIAS=22Ω)
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
4.04.2
4.44.6
4.85.0
VCC (V)
-40°C
+25°C
+85°C
Current versus Voltage
(At Pin 8 of the RF3397)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
3.4
3.5
3.6
3.7
3.8
3.9
4.0
VPIN (V)
-40°C
+25°C
+85°C
Vcc= 4.5V
Power Dissipated versus Voltage at Pin 8
TAMB=85°C
0.00
0.05
0.10
0.15
0.20
0.25
3.38
3.43
3.48
3.53
3.58
3.63
VPIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com