Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5290ZP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA5290ZP
Description  One page Economy Teletext/TV microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5290ZP Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA5290ZP Datasheet HTML 1Page - NXP Semiconductors SAA5290ZP Datasheet HTML 2Page - NXP Semiconductors SAA5290ZP Datasheet HTML 3Page - NXP Semiconductors SAA5290ZP Datasheet HTML 4Page - NXP Semiconductors SAA5290ZP Datasheet HTML 5Page - NXP Semiconductors SAA5290ZP Datasheet HTML 6Page - NXP Semiconductors SAA5290ZP Datasheet HTML 7Page - NXP Semiconductors SAA5290ZP Datasheet HTML 8Page - NXP Semiconductors SAA5290ZP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
February 1995
3
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
QUICK REFERENCE DATA
BLOCK DIAGRAM
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.5
5.0
5.5
V
IDDM
microcontroller supply current
−
25
40
mA
IDDA
analog supply current
−
35
50
mA
IDDT
teletext supply current
−
20
30
mA
fxtal
crystal frequency
−
12
−
MHz
Tamb
operating ambient temperature
−20
−
+70
°C
Fig.1 Block diagram.
handbook, full pagewidth
MLC102
DATA SLICER
ACQUISITION
TIMING
TELETEXT
ACQUISITION
DISPLAY
TIMING
DISPLAY
PAGE
RAM
OSCILLATOR
80C51
MICRO-
CONTROLLER
ANALOG-TO-
DIGITAL
CONVERTER
PULSE
WIDTH
MODULATOR
TIMER/
CTRS/ I C
2
data
address
16K x 8
ROM
PORT 3
9 to 12, 30
5
256 x 8
RAM
PORT 2
1 to 8
8
TEXT
INTERFACE
PORT 1
45 to 52
8
PORT 0
14 to 21
8
P3.0 to P3.4/
ADC0 to ADC2
P2.0 to P2.7
PWM
P1.0 to P1.7 / INT0,
INT1, T0, T1, SDA, SCL
P0.0 to P0.7
VSSA
22
VSSD2
VSSD1
28
13
43
RESET
40
OSCGND
42
OSCOUT
41
OSCIN
SAA5290
37
VSYNC
36
HSYNC
27
FRAME
RGBREF
34, 33, 32
R, G, B
35
31
VDS
29
COR
25
26
BLACK
IREF
CVBS0
CVBS1
23, 24
2
38
39
44
VDDM
VDDT
VDDA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com