Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3802 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3802 Datasheet HTML 1Page - RF Micro Devices RF3802 Datasheet HTML 2Page - RF Micro Devices RF3802 Datasheet HTML 3Page - RF Micro Devices RF3802 Datasheet HTML 4Page - RF Micro Devices RF3802 Datasheet HTML 5Page - RF Micro Devices RF3802 Datasheet HTML 6Page - RF Micro Devices RF3802 Datasheet HTML 7Page - RF Micro Devices RF3802 Datasheet HTML 8Page - RF Micro Devices RF3802 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-632
RF3802
Rev A6 050609
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)9
VPC
Power Control Voltage (VREF)9
V
DC Supply Current
2000
mA
Input RF Power
23
dBm
Output Load VSWR
5:1
Operating Ambient Temperature
+85
°C
Storage Temperature
+125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
IREF=22mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
850MHz Band
Frequency
869
894
MHz
P1dB
36.0
36.5
37.0
dBm
dBm
Total Efficiency
35.5
36.5
39.0
%
@ P1dB
Total Power Added Efficiency
34.5
35.5
38.0
%
@ P1dB
Large Signal Power Gain
17.5
18.5
19.5
dB
20dBm<POUT<33dBm
Second Harmonic
-40
dBc
Third Harmonic
-40
dBc
Input Return Loss
12
15
dB
Output Return Loss
12
15
dB
OIP3
41.0
dBm
23dBm/tone
46.0
dBm
26dBm/tone
48.0
dBm
28dBm/tone
49.0
dBm
30dBm/tone
Noise
6.4
dB
IREF=22mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
900MHz Band
Frequency
920
960
MHz
P1dB
35.5
36.5
37.0
dBm
dBm
Total Efficiency
34.5
35.5
37.0
%
@ P1dB
Total Power Added Efficiency
33.5
34.5
36.5
%
@ P1dB
Large Signal Power Gain
17
18
20
dB
20dBm<POUT<33dBm
Second Harmonic
-30
dBc
@ P1dB
Third Harmonic
-50
dBc
@ P1dB
Input Return Loss
12
15
dB
Output Return Loss
12
15
dB
OIP3
42.0
dBm
23dBm/tone
46.0
dBm
26dBm/tone
46.0
dBm
28dBm/tone
45.0
46.0
54.0
dBm
30dBm/tone
Noise
6.4
dB
IREF=22mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
Power Supply
Power Supply Voltage
7
8
9
V
Supply Current
200
270
350
mA
ICCQ for IREF=22mA
Power Down Current
50
μAV
REF =0V, VCC =8V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com