Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5163L Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5163L
Description  3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5163L Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5163L Datasheet HTML 3Page - RF Micro Devices RF5163L Datasheet HTML 4Page - RF Micro Devices RF5163L Datasheet HTML 5Page - RF Micro Devices RF5163L Datasheet HTML 6Page - RF Micro Devices RF5163L Datasheet HTML 7Page - RF Micro Devices RF5163L Datasheet HTML 8Page - RF Micro Devices RF5163L Datasheet HTML 9Page - RF Micro Devices RF5163L Datasheet HTML 10Page - RF Micro Devices RF5163L Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-633
RF5163
Rev A12 061114
Evaluation Board Schematic
RF5163PCBA Evaluation Board (2400MHz to 2500MHz)
C14
1.5 pF
L1
1.5 nH
J1
RF IN
15
14
13
12
11
10
4
3
2
1
16
9
8
7
6
5
C12
330 pF
C4
1 nF
L3
10 nH
C16
3.3 pF
C15
0.7 pF
C10
10 pF
J2
RF OUT
C3
1 nF
C13
6.8 pF
50
Ω μstrip
P_DOWN
R3
750
Ω
P_DETECT
R1
300
Ω
C5
1 nF
R2
200
Ω
L2
6.8 nH
Coilcraft
50
Ω μstrip
C2
1
μF
Bias
VREG
5163400, r. A
VCC
TL3
TL3=15 mils
from the IC
1
2
3
4
P2
GND
P2-2
PDETECT
P2-4
P_DOWN
P2-1
VREG
C7
4.7
μF
1
2
P1
GND
C20
4.7
μF
P1-2
VCC
P3-1
VPD
1
P3
GND
1
P4
TL1
TL1=50 mil (50
Ω)
TL2
TL2=265 mil (50
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com