Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5184PCBA-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5184PCBA-410
Description  DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5184PCBA-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5184PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF5184PCBA-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-692
RF5184
Rev A0 060323
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Supply Voltage
3.2
3.4
4.2
V
High Power Idle Current - Cell
45
60
80
mA
Mid Power Idle Current - Cell
35
45
70
mA
Low Power Idle Current - Cell
42
mA
VCC=0.75V
VREG Current - Cell
2.5
4.0
mA
High Power Idle Current - PCS
45
70
95
mA
Mid Power Idle Current - PCS
40
60
85
mA
Low Power Idle Current - PCS
57
mA
VCC=0.75V
VREG Current - PCS
2
4
mA
VMODE Current
125
350
uA
RF Turn On/Off Time
1.2
6
uS
DC Turn On/Off Time
2
40
uS
Total Current (Power Down)
0.2
2.0
uA
VREG Low Voltage (Power Down)
0
0.5
V
VREG High Voltage
(Recommended)
2.75
2.8
2.95
V
VREG High Voltage (Operational)
2.7
3.0
V
VMODE Voltage
0
0.5
V
High Gain Mode
VMODE Voltage
2.0
3.0
V
Low Gain Mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com