Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431AM5 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX431AM5
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431AM5 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX431AM5 Datasheet HTML 1Page - Sipex Corporation SPX431AM5 Datasheet HTML 2Page - Sipex Corporation SPX431AM5 Datasheet HTML 3Page - Sipex Corporation SPX431AM5 Datasheet HTML 4Page - Sipex Corporation SPX431AM5 Datasheet HTML 5Page - Sipex Corporation SPX431AM5 Datasheet HTML 6Page - Sipex Corporation SPX431AM5 Datasheet HTML 7Page - Sipex Corporation SPX431AM5 Datasheet HTML 8Page - Sipex Corporation SPX431AM5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
-2
-1
0
1
2
3
-100
-75
-50
-25
0
25
50
75
100
125
150
VKA - Cathode Voltage (V)
VKA = VREF
Temperature Range: 0°C to 105°C
-60
-30
0
30
60
90
120
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
TA Ambient Temperature (°C)
VKA = VREF
IK = 10mA
TyPICAL PERFORmANCE ChARACTERISTICS
High Current Operating Characteristics
Reference Voltage vs. Ambient Temperature
-1.0
0
1.0
2.0
3.0
900
800
700
600
500
400
300
200
100
0
-100
-200
VKA Cathode Voltage (V)
VKA = VREF
0° to 105°C
105°C
25°C
-0°C
-60
-30
0
30
60
90
120
3.0
2.5
2.0
1.5
1.0
0.5
0
TA Ambient Temperature (°C)
R1 = 10kΩ
R2 = ∞
IK = 10mA
0
3
6
9
12 15 18
21
24
27 30
0
-10
-20
-30
-40
-50
VKA Cathode Voltage (V)
0°C
25°C
75°C
125°C
IKA = 10mA
Reference Voltage Line Regulation vs, Cathode Volt-
age and Tambient
Low Current Operating Characteristics
Reference Input Current vs. Ambient Temperature
70
60
50
40
30
20
10
0
f Frequency (Hz)
VKA = VREF
IK = 10mA
TA = 25°C
Noise Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com