Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431AM Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX431AM
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431AM Datasheet(HTML) 3 Page - Sipex Corporation

  SPX431AM Datasheet HTML 1Page - Sipex Corporation SPX431AM Datasheet HTML 2Page - Sipex Corporation SPX431AM Datasheet HTML 3Page - Sipex Corporation SPX431AM Datasheet HTML 4Page - Sipex Corporation SPX431AM Datasheet HTML 5Page - Sipex Corporation SPX431AM Datasheet HTML 6Page - Sipex Corporation SPX431AM Datasheet HTML 7Page - Sipex Corporation SPX431AM Datasheet HTML 8Page - Sipex Corporation SPX431AM Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
D
DV
REF
0
15
30
45
60
75
90
105
-10
0.5
5000
0
0
0
0.07 mV/°C
0.003 %/°C
27 ppm/°C
TC in mV/°C =
TC in % /°C =
DV
REF (mV)
DT
A
DT
A
DV
REF at 25°C
DV
REF
x 100
(
)
TC in ppm/°C =
DT
A
DV
REF at 25°C
DV
REF
x 106
(
)
ppm/°C %/°C
mV/°C
Junction Temperature (°C)
CALCULATING AvERAGE TEmPERATURE COEFFICIENT (TC)
Figure 1. Vref VS Temperature.
SOT-23-5 (M5)
3
2
1
Top View
SPX431
5
4
Top View
SPX431
SOT-89 (M1)
1
2
3
Bottom View
TO-92 (N)
1
3
2
N/C
REF ANODE CATHODE
CATHODE
ANODE
REF
Top View
2
1
3
4
8
7
6
5
SPX431
8-Pin Surface Mount (S)
CATHODE
REF
ANODE
ANODE
ANODE
ANODE
N/C
N/C N/C CATHODE
ANODE
REF
Top View
SPX431
SOT-23-3 (M)
1
2
3
REF
ANODE
CATHODE
PACKAGE PINOUTS
TEST CIRCUITS
IREF
VKA = VREF
VIN
IK
IREF
VKA
VIN
IK
(VREF)
R1
R2
VKA
VIN
IK (OFF)
Test Circuit .
Test Circuit for Vka = Vref
Test Circuit 2.
Test Circuit for Vka > Vref
Test Circuit 3.
Test Circuit for Ikoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com