Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431LAS Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX431LAS
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LAS Datasheet(HTML) 1 Page - Sipex Corporation

  SPX431LAS Datasheet HTML 1Page - Sipex Corporation SPX431LAS Datasheet HTML 2Page - Sipex Corporation SPX431LAS Datasheet HTML 3Page - Sipex Corporation SPX431LAS Datasheet HTML 4Page - Sipex Corporation SPX431LAS Datasheet HTML 5Page - Sipex Corporation SPX431LAS Datasheet HTML 6Page - Sipex Corporation SPX431LAS Datasheet HTML 7Page - Sipex Corporation SPX431LAS Datasheet HTML 8Page - Sipex Corporation SPX431LAS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date: 5/25/04
SPX431L Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation5
Precision Adjustable Shunt Regulator
SPX431L
DESCRIPTION
FEATURES
■ Tight Voltage Tolerance 0.5% at 10mA
■ Wide Operating Current 1mA to 100mA
■ Extended Temperature Range:
0°C to 105°C
■ Low Temperature Coefficient 30 ppm/°C
■ Improved Replacement in Performance for
TL431 and AS431
■ Low Cost Solution
®
The SPX431L is a 3-terminal adjustable shunt voltage regulator providing a highly accurate
bandgap reference.The SPX431L acts as an open-loop error amplifier with a 2.5V temperature
compensation reference. The SPX431L’s thermal stability, wide operating current (100mA) and
temperature range (0°C to 105°C) makes it suitable for a variety of applications that require a
low cost, high performance solution. SPX431L tolerance of 0.5% is proven to be sufficient to
overcome all of the other errors in the system to virtually eliminate the need for trimming in the
power supply manufacturer's assembly line and contribute a significant cost savings.
The output voltage may be adjusted to any value between VREF and 20V with two external
resistors. The SPX431L is available in TO-92, SOIC-8, SOT-89, and SOT-23-3 packages.
■ Error Amplifiers
■ Single Supply Amplifier
■ Monitors / VCRs / TVs
■ Personal Computers
BLOCK DIAGRAM
+
-
2.5V
Reference
(R)
Anode (A)
Cathode (K)
APPLICATIONS
■ Battery Operating Equipment
■ Adjustable Supplies
■ Switching Power Supplies
SPX431L
3 Pin SOT-23
ANODE
REF
CATHODE
1
Now Available in Lead Free Packaging


Similar Part No. - SPX431LAS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX431LAS SIPEX-SPX431LAS Datasheet
160Kb / 8P
Low Voltage Precision Adjustable Shunt Regulator
More results

Similar Description - SPX431LAS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com