Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431BM/TR Datasheet(PDF) 13 Page - Sipex Corporation

Part # SPX431BM/TR
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431BM/TR Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SPX431BM/TR Datasheet HTML 5Page - Sipex Corporation SPX431BM/TR Datasheet HTML 6Page - Sipex Corporation SPX431BM/TR Datasheet HTML 7Page - Sipex Corporation SPX431BM/TR Datasheet HTML 8Page - Sipex Corporation SPX431BM/TR Datasheet HTML 9Page - Sipex Corporation SPX431BM/TR Datasheet HTML 10Page - Sipex Corporation SPX431BM/TR Datasheet HTML 11Page - Sipex Corporation SPX431BM/TR Datasheet HTML 12Page - Sipex Corporation SPX431BM/TR Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3
Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
Sipex Corporation
headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORmATION
PART NUmBER
ACCURACy
OUTPUT vOLTAGE
PACKAGE
SPX431AM5 .........................0.5% ..................... 2.503V ..........................5-Pin SOT-23
SPX431AM5/TR....................0.5% ..................... 2.503V ..........................5-Pin SOT-23
SPX43AM .........................0.5% ..................... 2.503V ..........................3-Pin SOT-89
SPX431AM1/TR....................0.5% ..................... 2.503V ..........................3-Pin SOT-89
SPX43AS............................0.5% ..................... 2.503V ............................. 8-Pin SOIC
SPX431AS/TR ......................0.5% ..................... 2.503V ............................. 8-Pin SOIC
SPX43AN............................0.5% ..................... 2.503V ............................3-Pin TO-92
SPX43AM ...........................0.5% ..................... 2.503V ..........................3-Pin SOT-23
SPX431AM/TR......................0.5% ..................... 2.503V ..........................3-Pin SOT-23
SPX431BM5 .........................1.0% ..................... 2.495V ..........................5-Pin SOT-23
SPX431BM5/TR....................1.0% ..................... 2.495V ..........................5-Pin SOT-23
SPX43BM .........................1.0% ..................... 2.495V ..........................3-Pin SOT-89
SPX431BM1/TR....................1.0% ..................... 2.495V ..........................3-Pin SOT-89
SPX43BS............................1.0% ..................... 2.495V ............................. 8-Pin SOIC
SPX431BS/TR ......................1.0% ..................... 2.495V ............................. 8-Pin SOIC
SPX43BN............................1.0% ..................... 2.495V ............................3-Pin TO-92
SPX43BM ...........................1.0% ..................... 2.495V ..........................3-Pin SOT-23
SPX431BM/TR......................1.0% ..................... 2.495V ..........................3-Pin SOT-23
SPX431CM5 .........................2.0% ..................... 2.495V ..........................5-Pin SOT-23
SPX431CM5/TR ...................2.0% ..................... 2.495V ..........................5-Pin SOT-23
SPX43CM .........................2.0% ..................... 2.495V ..........................3-Pin SOT-89
SPX431CM1/TR ...................2.0% ..................... 2.495V ..........................3-Pin SOT-89
SPX43CS............................2.0% ..................... 2.495V ............................. 8-Pin SOIC
SPX431CS/TR......................2.0% ..................... 2.495V ............................. 8-Pin SOIC
SPX43CN............................2.0% ..................... 2.495V ............................3-Pin TO-92
SPX43CM ...........................2.0% ..................... 2.495V ..........................3-Pin SOT-23
SPX431CM/TR .....................2.0% ..................... 2.495V ..........................3-Pin SOT-23
/TR = Tape and Reel
TR pack quantity is 3000 for SOT-23-3, 2500 for SOT-23-5, SOT-89 and NSOIC, and 2000 for TO-92 in
ammo pack.
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX431AM5/TR = standard; SPX431AM5-L/TR = lead free
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com