Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR950/61 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR950/61
Description  60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR950/61 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR950/61 Datasheet HTML 1Page - Solid States Devices, Inc SDR950/61 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SDR950/61

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR950/3 SSDI-SDR950/3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results

Similar Description - SDR950/61

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620J SSDI-SDR620J Datasheet
229Kb / 2P
20A, 35nsec, 100-200 V Hyper Fast Rectifier
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950M SSDI-SDR950M Datasheet
79Kb / 2P
50A, 35nsec typ., 100-200 V Hyper Fast Rectifier
SDR9100CTN SSDI-SDR9100CTN Datasheet
237Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR9100N SSDI-SDR9100N Datasheet
227Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR9100PHC SSDI-SDR9100PHC Datasheet
191Kb / 2P
100 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950-3 SSDI-SDR950-3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com