Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431CM1/TR Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX431CM1/TR
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431CM1/TR Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX431CM1/TR Datasheet HTML 3Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 4Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 5Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 6Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 7Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 8Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 9Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 10Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
TyPICAL PERFORmANCE ChARACTERISTICS (continued)
Figure 23. Precision High Current Series Regulator
Vout = (1+R1/R2)Vref
Figure 24. High Current Shunt Regulator
Vout = (1+R1/R2)Vref
Figure 25. Single Supply Comparator with Tempera-
ture Compensated Threshold. Vin Threshold = 2.5V
VIN
R1
0.1%
SPX431A,B,C
R3
R2
0.1%
C1
R5
R4
VOUT
VIN
R1
0.1%
SPX431A,B,C
R3
R2
0.1%
Q1
VOUT
VCC
R2
SPX431A,B,C
VIN
VOUT
R1
* Resistor values are chosen such that the ef-
fect to Iref is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com