Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1121 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation SPX1121 Datasheet HTML 7Page - Sipex Corporation SPX1121 Datasheet HTML 8Page - Sipex Corporation SPX1121 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Power Dissipation........................................Internally Limited
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
UNIT
3.3 V Versions
Output Voltage
T
J=25°C
3.267
3.300
3.333
V
1mA ≤I
L ≤150 mA
3.217
3.300
3.382
5 V Versions
Output Voltage
T
J= 25 °C
4.950
5.000
5.050
V
1 mA ≤I
L ≤150 mA
4.880
5.000
5.120
All Voltage Options
Output Voltage
(NOTE1)
20
100
ppm/ °C
Temperature Coefficient
Line Regulation (NOTE 3)
6V≤V
IN≤30V (NOTE4)
0.03
0.20
%
Load Regulation (NOTE3)
100 µA≤I
L≤150 mA
0.04
0.60
%
Dropout Voltage
I
L= 100 µA20
mV
(NOTE 5)
I
L= 1mA
110
I
L= 100 mA
270
I
L= 150 mA
300
550
Ground Current
I
L= 100 µA
100
170
µA
I
L= 1mA
110
I
L= 10mA
350
I
L= 50mA
1
mA
I
L= 100 mA
3
6
I
L= 150 mA
5
10
Current Limit
V
OUT= 0
230
500
mA
Thermal Regulation
0.05
0.20
%/W
Output Noise,
C
L= 1 µF
430
µV rms
10Hz to 100kHz
C
L= 200 µF
160
µV rms
Thermal Resistance Oja
SOT-223-3
62.3
°C/W
TO-92-3
131.9
°C/W
ELECTRICAL CHARACTERISTICS V
IN=6V, IL=100µA, CL=1µF (N
OTE
2), T
A= 25 °C, unless otherwise specified. Boldface
applies over the full operating temperature ranges.
NOTE1: Output or reference voltage temperature coefficients defined as the worst case voltage change
divided by the total temperature range.
NOTE2: Unless otherwise specified all limits guaranteed for T
J= 25 °C, VIN= 6V, I L= 100 µA and CL= 1 µF.
NOTE3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal
regulation.
NOTE4: Line regulation for the SPX1121 is tested at I
L= 1mA.
For T
J= 125 °C, line regulation is guaranteed
by design. See typical performance characteristics for line regulation versus temperature and load
current.
NOTE5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100
mV below its nominal value measured at 1V differential.
Operating Junction Temperature Range......-40°C to +125°C
Input Supply Voltage...........................................-0.3V to +30V
ESD Rating................................................................2kV min



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com