Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1431M1 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1431M1
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1431M1 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1431M1 Datasheet HTML 1Page - Sipex Corporation SPX1431M1 Datasheet HTML 2Page - Sipex Corporation SPX1431M1 Datasheet HTML 3Page - Sipex Corporation SPX1431M1 Datasheet HTML 4Page - Sipex Corporation SPX1431M1 Datasheet HTML 5Page - Sipex Corporation SPX1431M1 Datasheet HTML 6Page - Sipex Corporation SPX1431M1 Datasheet HTML 7Page - Sipex Corporation SPX1431M1 Datasheet HTML 8Page - Sipex Corporation SPX1431M1 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Mar3-07
SPX43 Precision Adjustable Shunt Regulator
© 2007 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
Cathode-Anode Reverse Breakdown V
KA ....................................... 37V
Anode-Cathode Forward Current, (<10ms) I
AK ................................. 1A
Operating Cathode Current I
KA .................................................. 150mA
Reference Input Current I
REF ........................................................ 10mA
Continuous Power Dissipation at 25°C P
D
TO-92 ..................................................................... 775mW
SOT-23 .................................................................. 200 mW
SOIC-8 .................................................................... 750mW
SOT-89 ................................................................. 1000mW
Junction Temperature T
J ........................................................... 150 °C
Storage Temperature T
STG .............................................. -65 to 150 °C
NOTE: Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
TYPICAL THERMAL RESISTANCES
PACKAGE
0JA
0JC
TYPICAL DERATING
TO-92
160°C/W 80°C/W
6.3 mW/°C
SOT-23
575°C/W 150°C/W
1.7 mW/°C
SOIC-8
175°C/W 45°C/W
5.7 mW/°C
SOT-89
110°C/W 8°C/W
9.1mW/C°
Typical deratings of the thermal resistances are given for ambient
temperature >25°C.
Electrical characteristics at 25°C I
K= 10mA V K= V REF, unless otherwise specified.
PARAMETER
SYMBOL FIGURE
CONDITIONS
MIN
TYP
MAX
UNITS
SPX1431
Reference Voltage
VREF
2
2.490
2.500
2.510
V
2
TJ= 0 °C to 105°C
2.465
2.535
V
VREFwithTemp.*
TC
2
0.07
0.20
mV/ °C
Ratio of Change in VREF
VREF
3
Vk= 3V to 36V
-2.0
-1.1
mV/V
to Cathode Voltage
VK
Reference Input Current
IREF
3
0.7
1.9
µA
IREFTemp Deviation
IREF
3
TJ= 0 °C to 105°C
0.4
1.2
µA
Min IKfor Regulation
I K(MIN)
2
0.4
1
mA
Off State Leakage
IK(OFF)
4
VREF= 0V,
0.04
250
nA
VKA= 36V
Dynamic Output
ZKA
2
ƒz 1kHz
0.15
0.5
Impedance
IK= 1 to 150mA
Operating Range (T
J ) = - 55°C to 125°C.
* See appropiate test circuit (Figure 2)
RECOMMENDED CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Cathode Voltage
VKA
VREF to 36
V
Cathode Current
IK
10
mA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com