Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1521 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1521
Description  300mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1521 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX1521 Datasheet HTML 1Page - Sipex Corporation SPX1521 Datasheet HTML 2Page - Sipex Corporation SPX1521 Datasheet HTML 3Page - Sipex Corporation SPX1521 Datasheet HTML 4Page - Sipex Corporation SPX1521 Datasheet HTML 5Page - Sipex Corporation SPX1521 Datasheet HTML 6Page - Sipex Corporation SPX1521 Datasheet HTML 7Page - Sipex Corporation SPX1521 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
May5-07
SPX52300mALowDropoutVoltageRegulator
©2007SipexCorporation
SipexCorporationreservestherighttomakechangestoanyproductsdescribedherein.Sipexdoesnotassumeanyliabilityarisingoutoftheap-
plicationoruseofanyproductorcircuitdescribedherein;neitherdoesitconveyanylicenseunderitspatentrightsnortherightsofothers.
Sipex Corporation
Headquarters and
Sales Office
233SouthHillviewDrive
Milpitas,CA95035
TEL:(408)934-7500
FAX:(408)935-7600
ORDERING INFORMATION
Solved by
TM
Part Number
Package
Code
RoHS Status Pack Type Pack Qty
SPX52M3-L-3-3
SOT-223-3
▪
Active
Tube
78
SPX52M3-L-5-0
SOT-223-3
▪
Active
Tube
78
SPX52M3-L-5-0/TR
SOT-223-3
▪
Active
Tape&Reel
2500
SPX52R-3-3
TO-252
EOL
Tube
77
SPX52T-L-5-0
TO-263-3
▪
EOL
Tube
50
SPX52R-3-3/TR
TO-252
OBS
Tape&Reel
2500
SPX52R-5-0
TO-252
OBS
Tube
77
SPX52R-5-0/TR
TO-252
OBS
Tape&Reel
2500
SPX52R-L-3-3
TO-252
▪
OBS
Tube
77
SPX52R-L-3-3/TR
TO-252
▪
OBS
Tape&Reel
2500
SPX52R-L-5-0
TO-252
▪
OBS
Tube
77
SPX52R-L-5-0/TR
TO-252
▪
OBS
Tape&Reel
2500
SPX52T-3-3
TO-263-3
OBS
Tube
50
SPX52T-3-3/TR
TO-263-3
OBS
Tape&Reel
500
SPX52T-5-0
TO-263-3
OBS
Tube
50
SPX52T-5-0/TR
TO-263-3
OBS
Tape&Reel
500
SPX52T-L-3-3
TO-263-3
▪
OBS
Tube
50
SPX52T-L-3-3/TR
TO-263-3
▪
OBS
Tape&Reel
500
SPX52T-L-5-0/TR
TO-263-3
▪
OBS
Tape&Reel
500
SPX52U-3-3
TO-220-3
OBS
Tube
50
SPX52U-5-0
TO-220-3
OBS
Tube
50
SPX52U-L-3-3
TO-220-3
▪
OBS
Tube
50
SPX52U-L-5-0
TO-220-3
▪
OBS
Tube
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com