Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6127 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6127
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6127 Datasheet HTML 1Page - Sipex Corporation SP6127 Datasheet HTML 2Page - Sipex Corporation SP6127 Datasheet HTML 3Page - Sipex Corporation SP6127 Datasheet HTML 4Page - Sipex Corporation SP6127 Datasheet HTML 5Page - Sipex Corporation SP6127 Datasheet HTML 6Page - Sipex Corporation SP6127 Datasheet HTML 7Page - Sipex Corporation SP6127 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
SP6127 Efficiency versus Iout,
Vin=12V,Ta=25C
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout=1.8V
SP6127 Load Regulation
Vin=12V
1.790
1.795
1.800
1.805
1.810
0.0
0.5
1.0
1.5
2.0
Iout (A)
Figure 1- Efficiency
Figure 2- Load regulation
Figure 3- Step load 1-2A, ch1: Vin
Figure 4- OCP shutdown, ch1: Vin
ch2: Vout, ch3: Iout
ch2: Vout, ch3: Inductor current, ch4: Io
Figure 5- Startup no load, ch1: Vin
Figure 6- Start up 2A, ch1: Vin
ch2: Vout, ch3: Iout
ch2: Vout, ch3: Iout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com