Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6133EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6133EB
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6133EB Datasheet HTML 1Page - Sipex Corporation SP6133EB Datasheet HTML 2Page - Sipex Corporation SP6133EB Datasheet HTML 3Page - Sipex Corporation SP6133EB Datasheet HTML 4Page - Sipex Corporation SP6133EB Datasheet HTML 5Page - Sipex Corporation SP6133EB Datasheet HTML 6Page - Sipex Corporation SP6133EB Datasheet HTML 7Page - Sipex Corporation SP6133EB Datasheet HTML 8Page - Sipex Corporation SP6133EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 3/30/06
SP6133 Evaluation Manual
Copyright 2006 Sipex Corporation
SP6133EB SCHEMATIC
R 3 Ohm
U1
SP6133
GL
1
GND
3
PGND
2
VFB
4
ISN
9
ISP
10
SWN
11
GH
12
CF1
22pF
Rs3
NP
Rs2
5.11K,1%
C5
0.01uF
J1
PTC36SAAN
1
2
3
12V
3.30V
0-10A
CP1
39pF
C1
22uF
16V
EN
C2
22uF
PWRGD
GND
VIN
VOUT
GND2
DBST
R5
10.0k,1%
UVIN
C3
100uF
C1, C2, C3, C4
CERAMIC 1210 X5R
C4
100uF
R3
20.0k,1%
1) All resistors & capacitors size
0603 unless other wise specified
L1 SC5018-2R7M
2.7uH, 15A, 4.1 mOhm
RZ3
1k,1%
16V
6.3V
R4
10.0k,1%
CZ3
560pF
QT
Si4394DY
9.75mOhm
6
4
2
1
3
5
7
8
R1
68.1k,1%
0805
BAT54WS
CZ2
1,500pF
CBST
0.1uF
QB
Si4320DY
4mOhm
6
4
2
1
3
5
7
8
RZ2
23.2K,1%
6.3V
Notes:
GND3
VCC
R2
21.5k,1%
C6
6.8nF
CSS
47nF
Rs1
5.11K,1%
Cs
0.1uF
CVCC
10uF
Easy Evaluation for the
SP6133ER1 12V Input, 0 to 10A
Output Synchronous Buck
Converter
Precision 0.80V, ±1% High
Accuracy Reference
Small form factor
Feature Rich:
Single supply operation, Over-current
protection with auto-restart, Power Good
Output, Enable input, Fast transient
response, Short Circuit Shutdown Protection,
Programmable soft start.
SP6133 (10A MAX.)
Evaluation Board Manual


Similar Part No. - SP6133EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133ER1 SIPEX-SP6133ER1 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6133ER1/TR SIPEX-SP6133ER1/TR Datasheet
1,022Kb / 20P
Synchronous Buck Controller
More results

Similar Description - SP6133EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com