Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6652EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6652EB Datasheet HTML 1Page - Sipex Corporation SP6652EB Datasheet HTML 2Page - Sipex Corporation SP6652EB Datasheet HTML 3Page - Sipex Corporation SP6652EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
USING THE EVALUATION BOARD
1) Powering up the SP6652 Circuit & Programming the UVLO threshold
The SP6652 Evaluation Board can be powered from a single Li-Ion battery or a +2.7 to
+5.0V power supply. Connect with short leads directly to the “Vin” and “Gnd” posts.
Note the SP6652 will remain in “shutdown” until SD pin Jumper J1 is applied to the VIN
position pin 1 to 2.
2) VOUT PROGRAMMING
The SP6652 requires 2 feedback resistors to control the output voltage. Connect the
appropriate resistors RF and RI (Table 2) from pin 3 SP6652 FB to Vout and to the
GND.
For Vout different from that shown in the schematic, use equation:
RI
Vout
RF
=
1
80
.
0
SP6652EB BILL OF MATERIALS
Component
Vo = 3.3V
L1
4.7uH, W urth Elektronik 744042004, 0.07ohm, 1.7A, 4.8x4.8x1.8mm
CIN
10uF, TDK C2012X5R0J106M, 0.005ohm, 6.3V, X5R, 0805
COUT
10uF, TDK C2012X5R0J106M, 0.005ohm, 6.3V, X5R, 0805
CVIN
1uF, TDK C1608X5R0J105M, 0.03ohm, .3V, X5R, 0603
Cc
10nF ceramic, 0603
RVIN
10 Ohm 5%, 0603
RI
200k 1%, 0603
RF
634k 1%, 0603
Rz
4.02k 1%, 0603
U1
SP6652EU, 10 pin uSOIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com