Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6656EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6656EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6656EB Datasheet HTML 1Page - Sipex Corporation SP6656EB Datasheet HTML 2Page - Sipex Corporation SP6656EB Datasheet HTML 3Page - Sipex Corporation SP6656EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev 10/17/05
SP6655 Evaluation Board Manual
2
1) Powering up the SP6656 Circuit
The SP6656 Evaluation Board can be powered from a single Li-Ion battery or a +2.7 to
+5.0V power supply. Connect with short leads directly to the “Vin” and “Gnd” posts.
Note the SP6656 will remain in “shutdown” until the EN Jumper J1 is applied to the Vin
or position 1 to 2.
2) VOUT PROGRAMMING
The SP6656 has a dynamically programmable output voltage using the OVSI and
OVSO pins. This requires 2 feedback resistors to control the output voltage as well as
an Rs resistor for the dynamically programmed output voltage. Connect the appropriate
resistors RF and RI (Table 1) from pin 6 SP6656 FB to Vout and to the GND.
For Vout Low, select OVSI = L and use the formula below to set the output voltage:
RI
Vout
RF
•
−
=
1
8
.
0
For Vout High, select OVSI = L, and the RS resistor will be switched in to change the
output voltage from the previously set voltage to a larger output voltage, determined by
the following equation:
RA
Vout
RF
•
−
=
1
8
.
0
where
RS
RI
RS
RI
RA
+
=
*
Table 1. SP6656EB BILL OF MATERIALS
Component
Vo = 1.8V
L1
10uH, Murata LQH32CN100K11, 0.3ohm, 0.45A, 1210
CIN
10uF, TDK C2012X5R0J106M, 0.005ohm, 6.3V, X5R, 0805
COUT
10uF, TDK C2012X5R0J106M, 0.005ohm, 6.3V, X5R, 0805
RVIN
10 Ohm 5%, 0603
CVIN
1uF, TDK C1608X5R0J105M, 0.03ohm, .3V, X5R, 0603
RI
200k 1%, 0603
RF
249k 1%, 0603
RF
200k 1%, 0603
CF
22pF ceramic, 0603



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com