Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6659EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6659EB
Description  Evaluation Board Manual
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6659EB Datasheet HTML 1Page - Sipex Corporation SP6659EB Datasheet HTML 2Page - Sipex Corporation SP6659EB Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev 08/29/05
SP6659 Evaluation Board Manual
Copyright Sipex Corporation
DESCRIPTION
The SP6659 Evaluation Board is designed to help the user evaluate the performance
of the SP6659 for use as a single Li-Ion battery Step-Down DC-DC Converter. The
SP6659 operates from 2.5V to 5.5V input, with the highest efficiency in the range 3.0V
to 4.2V where the Li-Ion battery has the most energy. The SP6659EB evaluation board
is a complete power supply circuit to provide ease of evaluation for the DC/DC
Converter performance.
FIGURE 1. SP6659 1.8V OUTPUT EVALUATION BOARD SCHEMATIC
R1
200K
R2
100K
L1 2.2 uH
COUT
10uF
CIN
4.7uF
U1
SP6659
VIN
4
GND
2
SW
3
RUN
1
VFB
5
CF
100pF
J1
1
2
3
VFB=0.6V
Vin=2.5-5.5V
Vout=1.8V
Synchronous Buck regulator with
up to 94% efficiency
1.5MHz Constant frequency
operation
600mA Output Current
2.5V-5.5V Input Voltage range,
0.6V reference allow low output
voltage
No Schottky diode required
Current mode operation
Over-temperature protected
Low profile SOT23-5 Package &
Ceramic Capacitors for small,
low profile Power Supply
Ideal for PDAs, Digital Cameras,
Wireless Modems, Cellular
Telephones
SP6659EB
Evaluation Board Manual


Similar Part No. - SP6659EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659EK1 SIPEX-SP6659EK1 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1 SIPEX-SP6659EK1 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.5 SIPEX-SP6659EK1-1.5 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.8/TR SIPEX-SP6659EK1-1.8/TR Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1/TR SIPEX-SP6659EK1/TR Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
More results

Similar Description - SP6659EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com