Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683UEB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6683UEB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683UEB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6683UEB Datasheet HTML 1Page - Sipex Corporation SP6683UEB Datasheet HTML 2Page - Sipex Corporation SP6683UEB Datasheet HTML 3Page - Sipex Corporation SP6683UEB Datasheet HTML 4Page - Sipex Corporation SP6683UEB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
USING THE EVALUATION BOARD
1) Powering Up the SP6683 Circuit
The SP6683 Evaluation Board can be
powered from inputs from a +2.7V to +5.5V
battery or a power supply. Connect with
short leads directly to the “VIN” and “GND”
posts.
2) Using the evaluation board
The Evaluation Board was set up for a 4
15mA LED application even though there
are 6 LED spots on the board. The output of
SP6683 was open as default. If the
customer has discrete white LEDs, then the
discrete white LEDs should be soldered to
the D1-D6 positions and bias resistors
should be soldered to the R4-R9 positions.
Selection of the bias resistors please refers
to 3).
If the customer has white LED
module, they can plug the two terminals of
the module to the “VOUT” and “Vfb” posts,
and use R4 as the bias current to regulate
the total current. The value of the bias
resistor could be calculated by equation (1).
3) Selecting the Bias Resistor
The bias resistor could be estimated by (1)
Ω
=
=
=
5
60
3
.
0
_
mA
V
I
V
R
Total
LED
FB
Total
(1)
Where ILED_Total is the total output current.
Ω
=
=
=
−
−
20
15
3
.
0
6
1
_
9
4
mA
V
I
V
R
D
LED
FB
(2)
Where ILED_D1-D6 is the operating current of
D1-D6.
4) Selecting of Vmode and Divider Resistor
SP6683 can automatically change from X1
mode to X1.5 mode for highest efficiency.
To use this feature, divider resistors should
be chosen according to the specific
application. The guideline for divider resistor
selections is as follows. For high input
voltage, the SP6683 will work in X1 mode,
when the input voltage drops to Vth threshold
voltage, it will switch to X1.5 mode
automatically. The Vth threshold voltage for
mode change can be calculated by (3)
()
out
LED
F
th
R
I
m
V
V
⋅
⋅
+
+
=
3
.
0
(3)
Where VF and m are the forward voltage
and number of the white LEDs, Rout is the
output resistance of the SP6683.
The equation for the voltage divider R1 and
R2 with Vmode=1.25V is:
)
R
R
1
(
V
25
.
1
V
2
1
th
+
⋅
=
(4)
which can be expressed as R1:
(
)
2
th
1
R
1
25
.
1
V
R
⋅
−
=
(5)
For the typical Sp6683 Evaluation Board,
using VF=3V, m=4, ILED=15mA, Rout=6ohms,
the Vth will be 3.7V. Select R2=100kohm,
then R1=192kohm.
5) Selecting of Capacitors
Ceramic capacitors are used on the
evaluation board due to their inherently low
ESR, which will help produce low peak to
peak output ripple, and reduce high
frequency spikes.
Selection of the flying capacitor is a trade-off
between the output voltage ripple and the
output current capability. Decreasing the
flying capacitor will reduce the output
voltage ripple because less charge will be
delivered to the output capacitor. However,
smaller flying capacitor leads to larger
output resistance, thus decrease the output
current capability and the circuit efficiency.
In the evaluation board, the input, output
and flying capacitors are selected as 1uF
ceramic capacitors. Input and output ripple
could be further reduced by using larger low
ESR input and output capacitor.
6) Brightness Control
Obvious dimming control could be achieved
by applying a PWM control signal to the
ENABLE/PWM pin. The brightness of the
white LEDs is controlled by increasing and
decreasing the duty cycle of The PWM
signal. The recommend frequency range of
the PWM signal is from 60Hz to 700Hz. A
repetition rate of at least 60Hz is required to
prevent flicker.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com