Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683ER Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6683ER
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683ER Datasheet(HTML) 3 Page - Sipex Corporation

  SP6683ER Datasheet HTML 1Page - Sipex Corporation SP6683ER Datasheet HTML 2Page - Sipex Corporation SP6683ER Datasheet HTML 3Page - Sipex Corporation SP6683ER Datasheet HTML 4Page - Sipex Corporation SP6683ER Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
POWER SUPPLY DATA
For a 4x15mA White LEDs application, in which the output current is 60mA, the power supply
data is provided as Fig 1 to Fig 3. The white LEDs used here were from LUMEX (Part Number
SML-LX2832UWC-TR). Figure 1 shows the input and output voltage ripple when the input
voltage is 3.9V (SP6683 is in X1 mode), Figure 2 shows the input and output voltage ripple
when the input voltage is 3.3V (SP6683 is in X1.5 mode). Figure 3 shows the typical efficiency
curve in the input voltage range. Channel 1 is the input ripple and the channel 2 is the output
ripple. Other applications, such as 80mA output current application (4 20mA white LEDs in
parallel), have the similar characteristic.
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
2.7
3.0
3.3
3.6
3.9
4.2
Vin (V)
Figure 3. Efficiency vs Input Voltage
Vin
Vout
Vin
Vout
Figure 1. X1 Mode Voltage Ripple @ 3.9V
Figure 2. X1.5 Mode Voltage Ripple @ 3.3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com