Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2941T5 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2941T5
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941T5 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2941T5 Datasheet HTML 1Page - Sipex Corporation SPX2941T5 Datasheet HTML 2Page - Sipex Corporation SPX2941T5 Datasheet HTML 3Page - Sipex Corporation SPX2941T5 Datasheet HTML 4Page - Sipex Corporation SPX2941T5 Datasheet HTML 5Page - Sipex Corporation SPX2941T5 Datasheet HTML 6Page - Sipex Corporation SPX2941T5 Datasheet HTML 7Page - Sipex Corporation SPX2941T5 Datasheet HTML 8Page - Sipex Corporation SPX2941T5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds) ................260°C
Storage Temperature Range........................-65°C to +150°C
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
UNIT
Reference Voltage
Adjustable version only
1.228
1.240
1.252
V
1.215
1.265
Adjust Pin Bias Current
40
80
V
120
Reference Voltage
(NOTE4)
20
ppm/ °C
Temperature Coefficient
Adjust Pin Bias Current
0.1
nA/°C
Temperature Coefficient
Line Regulation
IOUT=10mA, (VOUT+1V) VIN 16V
0.2
1.0
%
Load Regulation
VIN=VOUT+1V, 10mA IOUT IFULL
0.3
1.5
%
Dropout Voltage (Note1)
IOUT=100mA
70
200
mV
(except 1.8V version)
IOUT=1A
280
550
Ground Current (Note3)
IOUT=750mA, VIN=VOUT+1V
12
25
mA
IOUT=1A
18
Ground Pin Current at
VIN=0.1V less than specified VOUT,
1.2
mA
Dropout
IOUT=10mA
Current Limit
VOUT=0V (Note2)
1.5
2.2
A
Output Noise Voltage
10Hz to 100kHz, IOUT =100mA,
CL=10 F
400
VRMS
CL=33 F
260
Input Logic Voltage
LOW (OFF)
VIN<10V
0.8
V
HIGH (ON)
2.4
ENABLE Input Pin Current
VEN=16V
100
600
A
750
VEN=0.8V
1
A
2
Regulator Output Current
(NOTE5)
10
A
in Shutdown
500
Thermal Resistance
TO-220
Junction to Case, at Tab
3
°C/W
Junction to Ambient
29.3
TO-263
Junction to Case, at Tab
3
°C/W
Junction to Ambient
31.2
V
IN=VOUT+ 1V, I OUT=10mA, CIN=6.8 F, COUT=10 F, TA= 25 °C, unless otherwis specified. The boldface applies over the
junction temperature range. Adjustable versions are set at +5.0V.
Operating Junction Temperature Range......-40°C to +125°C
Input Supply Voltage (NOTE6) .... .....................................16V
ELECTRICAL CHARACTERISTICS
NOTE1: Dropout voltage is defined as the input to output differential at which the output voltage drops to 99%
of its nominal value.
NOTE2: V
IN=VOUT(NOMINAL)+1V; for example, VIN=4.3V for a 3.3V regulator. Employ pulse-testing procedures to
minimize temperature rise.
NOTE3: Ground pin current is the regulator quiescent current. The total current drawn from the source is the
sum of the load and ground currents.
NOTE4: Thermal regulation is defined as the change in the output voltage at a time T after a change in power
dissipation is applied, excluding load or line regulation effects.
NOTE5: V
EN
0.8V and V
IN
16V, V
OUT= 0.
NOTE6: Maximum positive supply voltage of 20V must be of limited duration ( <100ms) and duty cycle (<1%).
The maximum continuous supply voltage is 16V.
NOTE7: V
REF
V
OUT
(V
IN-1), 2.5V
V
IN
16V, 10 mA I
C
I
FL, TJ < TJMAX.
Figure 2. SPX2941 Block Diagram
BLOCK DIAGRAM
Reference
Thermal
Shutdown
EN
IN
OUT
ADJ
GND
O.V
I
LIMIT
28V
R1*
R2*
1.240V +
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com