Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2941T5/TR Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2941T5/TR
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941T5/TR Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2941T5/TR Datasheet HTML 2Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 3Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 4Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 5Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 6Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 7Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 8Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 9Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Figure 15. Dropout Voltage vs Temperature at I
LOAD=750mA
Figure 16. Dropout Voltage vs Temperature at I
LOAD=1.5A
Figure 17. Enable Current vs Temperature for 3.3V Devices
Figure 18. Enable Threshold vs Temperature for 3.3V
Devices
350
330
310
290
270
250
230
210
190
170
150
-40
-20
0
20
40
60
80
Temperature (°C)
120
100
3.3V Device
IL = 750mA
CL = 10 F
500
480
460
440
420
400
380
360
340
320
-40
-20
0
20
40
60
80
Temperature (°C)
120
100
3.3V Device
IL = 1.5A
CL = 10 F
35
30
25
20
15
10
5
0
-40
-20
0
20
40
60
80
Temperature (°C)
120
100
3.3V Device
VIN= 3.2V
IL = 750mA
CL = 10 F
2.00
1.90
1.80
1.70
1.60
1.50
1.40
1.30
1.20
1.10
1.00
-40
-20
0
20
40
60
80
Temperature (°C)
120
100
3.3V Device
VIN= 3.2V
IL = 750mA
CL = 10 F
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com