Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6691EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6691EB Datasheet HTML 1Page - Sipex Corporation SP6691EB Datasheet HTML 2Page - Sipex Corporation SP6691EB Datasheet HTML 3Page - Sipex Corporation SP6691EB Datasheet HTML 4Page - Sipex Corporation SP6691EB Datasheet HTML 5Page - Sipex Corporation SP6691EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
POWER SUPPLY DATA
For the standard evaluation board (4x20mA series white LEDs application), in which the output
voltage is around 15V and output current is 20mA, the power supply data is provided in Fig 1. to
Fig. 4. The white LEDs used here were from LUMEX (Part Number: SML-LX2832UWC-TR).
.
0
4
8
12
16
20
0
2040
6080
100
PWM Duty Cycle (%)
50
55
60
65
70
75
80
85
90
2.7
3
3.3
3.6
3.9
4.2
Input Voltage (V)
Fig. 1 Efficiency vs Input VoltageFig. 2 Average Io vs SHDN duty cycle
Fig. 3 Typical Switching Waveform
(Vin=3.3V)
Fig. 4 Output Ripple (Vin=2.7V)
Vsw
IL
(0.5A/DIV)
Vout
(AC)
Vout
(AC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com