Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4040AM-2.5/TR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX4040AM-2.5/TR
Description  Precision Micropower 2.5V ShuntVoltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040AM-2.5/TR Datasheet(HTML) 9 Page - Sipex Corporation

  SPX4040AM-2.5/TR Datasheet HTML 1Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 2Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 3Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 4Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 5Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 6Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 7Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 8Page - Sipex Corporation SPX4040AM-2.5/TR Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 1/19/05
SPX4040 Micropower 2.5V Shunt Voltage Reference
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
PART NUMBER
ACC
OUTPUT VOLTAGE
PACKAGES
SPX4040AM-2.5 .................. 0.5% ....................... 2.5V ........................... 3-Pin SOT-23
SPX4040AM-2.5/TR ............ 0.5% ....................... 2.5V ........................... 3-Pin SOT-23
SPX4040AN-2.5 .................. 0.5% ....................... 2.5V ............................. 3-Pin TO-92
SPX4040AN-2.5/TR ............ 0.5% ....................... 2.5V ............................. 3-Pin TO-92
SPX4040AS-2.5 .................. 0.5% ....................... 2.5V ............................ 8-Pin NSOIC
SPX4040AS-2.5/TR ............ 0.5% ....................... 2.5V ............................ 8-Pin NSOIC
SPX4040M-2.5 .................... 1.0% ....................... 2.5V ........................... 3-Pin SOT-23
SPX4040M-2.5/TR .............. 1.0% ....................... 2.5V ........................... 3-Pin SOT-23
SPX4040N-2.5 .................... 1.0% ....................... 2.5V ............................. 3-Pin TO-92
SPX4040N-2.5/TR .............. 1.0% ....................... 2.5V ............................. 3-Pin TO-92
SPX4040S-2.5 ..................... 1.0% ....................... 2.5V ............................ 8-Pin NSOIC
SPX4040S-2.5/TR ............... 1.0% ....................... 2.5V ............................ 8-Pin NSOIC
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX4040S-2.5/TR = standard; SPX4040S-L-2.5/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92, 2,500 for NSOIC and SOT-23.
Top View
Bottom View
TO-92 (N)
1
3
2
N/C
Top View
2
1
3
4
8
7
6
5
8-Pin SOIC (S)
N/C
N/C
N/C
+
N/C
N/C
-
1
2
3
+
-
+
-
SOT-23-3 (M)
ORDERING INFORMATION
PACKAGE PINOUTS
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com